Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IO99PDB2V2 Datasheet(PDF) 22 Page - Microsemi Corporation

Part # IO99PDB2V2
Description  ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO99PDB2V2 Datasheet(HTML) 22 Page - Microsemi Corporation

Back Button IO99PDB2V2 Datasheet HTML 18Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 19Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 20Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 21Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 22Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 23Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 24Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 25Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 26Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 242 page
background image
ProASIC3L DC and Switching Characteristics
2-6
Revision 13
Thermal Characteristics
Introduction
The temperature variable in the Designer software refers to the junction temperature, not the ambient
temperature. This is an important distinction because dynamic and static power consumption cause the
chip junction temperature to be higher than the ambient temperature.
EQ 1 can be used to calculate junction temperature.
TJ = Junction Temperature = T + TA
EQ 1
where:
TA = Ambient Temperature
T = Temperature gradient between junction (silicon) and ambient T = ja * P
ja = Junction-to-ambient of the package. ja numbers are located in Table 2-5.
P = Power dissipation
Package Thermal Characteristics
The device junction-to-case thermal resistivity is
jc and the junction-to-ambient air thermal resistivity is
ja. The thermal characteristics for ja are shown for two air flow rates. The absolute maximum junction
temperature is 100°C. EQ 2 shows a sample calculation of the absolute maximum power dissipation
allowed for a 484-pin FBGA package at commercial temperature and in still air.
EQ 2
Maximum Power Allowed
Max. junction temp. (
C) Max. ambient temp. (C)
–
ja(C/W)
------------------------------------------------------------------------------------------------------------------------------------------
100
C70C
–
20.5
C/W
-------------------------------------
1.463 W
=
=
=
Table 2-5 •
Package Thermal Resistivities
Package Type
Device
Pin Count
jc
ja
Units
Still Air 200 ft./min.
500 ft./min.
Very Thin Quad Flat Pack (VQFP)
All devices
100
10.0
35.3
29.4
27.1
C/W
Plastic Quad Flat Pack (PQFP)
All devices
208
8.0
26.1
22.5
20.8
C/W
PQFP with embedded heatspreader
All devices
208
3.8
16.2
13.3
11.9
C/W
Fine Pitch Ball Grid Array (FBGA)
A3P250L
144
12.2
43.8
37.7
35.8
C/W
A3P600L
144
8.3
35.8
30.2
28.3
C/W
A3P1000L
144
6.3
31.6
26.2
24.2
C/W
A3P250L
256
12.0
38.6
34.7
33.0
C/W
A3P600L
256
8.5
32.0
27.5
25.8
C/W
A3P1000L
256
6.6
28.1
24.4
22.7
C/W
AGLE3000
324
TBD
TBD
TBD
TBD
C/W
A3P600L
484
9.5
27.5
21.9
20.2
C/W
A3P1000L
484
8.0
23.3
19.0
16.7
C/W
A3PE3000L
484
4.7
20.6
15.7
14.0
C/W
A3PE3000L
896
2.4
13.6
10.4
9.4
C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com