Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IO99PDB2V2 Datasheet(PDF) 46 Page - Microsemi Corporation

Part # IO99PDB2V2
Description  ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO99PDB2V2 Datasheet(HTML) 46 Page - Microsemi Corporation

Back Button IO99PDB2V2 Datasheet HTML 42Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 43Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 44Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 45Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 46Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 47Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 48Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 49Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 50Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 242 page
background image
ProASIC3L DC and Switching Characteristics
2-30
Revision 13
1.2 V DC Core Voltage
Table 2-32 • Summary of I/O Timing Characteristics—Software Default Settings
–1 Speed Grade, Commercial-Case Conditions: TJ = 70°C, Worst Case VCC = 1.14 V,
Worst Case VCCI
Pro I/O Banks
Standard
3.3 V LVTTL /
3.3 V LVCMOS
12 mA 12 mA High 5
– 0.66 1.89 0.04 1.34 1.85 0.43 1.93 1.42 2.51 2.77 3.64 3.13 ns
3.3 V LVCMOS
Wide Range1,2
100 µA 12 mA High 5
–
–
–
–––––
–––––
ns
2.5 V LVCMOS 12 mA 12 mA High 5
– 0.66 1.92 0.04 1.58 1.97 0.43 1.96 1.59 2.58 2.68 3.67 3.30 ns
1.8 V LVCMOS 12 mA 12 mA High 5
– 0.66 2.14 0.04 1.53 2.17 0.43 2.18 1.76 2.86 3.24 3.89 3.47 ns
1.5 V LVCMOS 12 mA 12 mA High 5
– 0.66 2.46 0.04 1.69 2.36 0.43 2.51 2.04 3.03 3.35 4.22 3.75 ns
1.2 V LVCMOS 2 mA 2 mA High 5
– 0.66 4.12 0.04 2.02 2.99 0.43 3.83 3.37 4.06 3.84 5.48 5.02 ns
1.2 V LVCMOS
Wide Range1,3
100 µA 2 mA High 5
–
–
–
–––––
–––––
ns
3.3 V PCI
Per
PCI
spec.
–
High 10 254 0.66 2.15 0.04 2.10 2.84 0.43 2.19 1.53 2.51 2.77 3.90 3.24 ns
3.3 V PCI-X
Per
PCI-X
spec.
–
High 10 254 0.66 2.15 0.04 2.10 2.84 0.43 2.19 1.53 2.51 2.77 3.90 3.24 ns
3.3 V GTL
20 mA6
–
High 10 25 0.66 1.59 0.04 1.80
–
0.43 1.56 1.59
–
–
3.27 3.30 ns
2.5 V GTL
20 mA6
–
High 10 25 0.66 1.63 0.04 1.75
–
0.43 1.66 1.63
–
–
3.37 3.34 ns
3.3 V GTL+
35 mA
–
High 10 25 0.66 1.57 0.04 1.80
–
0.43 1.60 1.57
–
–
3.31 3.29 ns
2.5 V GTL+
33 mA
–
High 10 25 0.66 1.69 0.04 1.75
–
0.43 1.72 1.61
–
–
3.43 3.32 ns
HSTL (I)
8 mA
–
High 20 25 0.66 2.43 0.04 2.12
–
0.43 2.48 2.41
–
–
4.19 4.12 ns
HSTL (II)
15 mA6
–
High 20 50 0.66 2.32 0.04 2.12
–
0.43 2.36 2.08
–
–
4.07 3.79 ns
SSTL2 (I)
15 mA
–
High 30 25 0.66 1.63 0.04 1.61
–
0.43 1.66 1.41
–
–
1.66 1.41 ns
SSTL2 (II)
18 mA
–
High 30 50 0.66 1.66 0.04 1.61
–
0.43 1.69 1.36
–
–
1.69 1.36 ns
SSTL3 (I)
14 mA
–
High 30 25 0.66 1.77 0.04 1.54
–
0.43 1.80 1.41
–
–
1.80 1.41 ns
SSTL3 (II)
21 mA
–
High 30 50 0.66 1.58 0.04 1.54
–
0.43 1.61 1.28
–
–
1.61 1.28 ns
Notes:
1. The minimum drive strength for any LVCMOS 1.2 V or LVCMOS 3.3 V software configuration when run in wide range is
±100 µA. Drive strength displayed in the software is supported for normal range only. For a detailed I/V curve, refer to the
IBIS models.
2. All LVCMOS 3.3 V software macros support LVCMOS 3.3 V wide range as specified in the JESD8-B specification.
3. All LVCMOS 1.2 V software macros support LVCMOS 1.2 V wide range as specified in the JESD8-12 specification.
4. Resistance is used to measure I/O propagation delays as defined in PCI specifications. See Figure 2-12 on page 2-81 for
connectivity. This resistor is not required during normal operation.
5. For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-7 for derating values.
6. Output drive strength is below JEDEC specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com