Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IO99PDB2V2 Datasheet(PDF) 62 Page - Microsemi Corporation

Part # IO99PDB2V2
Description  ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO99PDB2V2 Datasheet(HTML) 62 Page - Microsemi Corporation

Back Button IO99PDB2V2 Datasheet HTML 58Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 59Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 60Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 61Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 62Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 63Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 64Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 65Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 66Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 242 page
background image
ProASIC3L DC and Switching Characteristics
2-46
Revision 13
Table 2-54 • 3.3 V LVTTL / 3.3 V LVCMOS Low Slew – Applies to 1.5 V DC Core Voltage
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 3.0 V
Applicable to Standard Plus I/O Banks
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
4 mA
Std.
0.54
4.61
0.04
0.90
0.38
4.70
3.91
2.05
1.99
6.71
5.92
ns
–1
0.46
3.92
0.03
0.77
0.33
4.00
3.32
1.74
1.69
5.71
5.04
ns
6 mA
Std.
0.54
3.80
0.04
0.90
0.38
3.87
3.40
2.32
2.47
5.88
5.41
ns
–1
0.46
3.23
0.03
0.77
0.33
3.29
2.89
1.98
2.10
5.00
4.60
ns
8 mA
Std.
0.54
3.80
0.04
0.90
0.38
3.87
3.40
2.32
2.47
5.88
5.41
ns
–1
0.46
3.23
0.03
0.77
0.33
3.29
2.89
1.98
2.10
5.00
4.60
ns
12 mA
Std.
0.54
3.22
0.04
0.90
0.38
3.28
3.00
2.51
2.77
5.30
5.01
ns
–1
0.46
2.74
0.03
0.77
0.33
2.79
2.55
2.14
2.36
4.51
4.27
ns
16 mA
Std.
0.54
3.22
0.04
0.90
0.38
3.28
3.00
2.51
2.77
5.30
5.01
ns
–1
0.46
2.74
0.03
0.77
0.33
2.79
2.55
2.14
2.36
4.51
4.27
ns
Notes:
1. Software default selection highlighted in gray.
2. For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-7 for derating values.
Table 2-55 • 3.3 V LVTTL / 3.3 V LVCMOS High Slew – Applies to 1.5 V DC Core Voltage
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 3.0 V
Applicable to Standard Plus I/O Banks
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
4 mA
Std.
0.54
2.51
0.04
0.90
0.38
2.56
2.01
2.05
2.10
4.57
4.02
ns
–1
0.46
2.14
0.03
0.77
0.33
2.18
1.71
1.74
1.79
3.89
3.42
ns
6 mA
Std.
0.54
2.05
0.04
0.90
0.38
2.09
1.61
2.32
2.59
4.10
3.62
ns
–1
0.46
1.74
0.03
0.77
0.33
1.78
1.37
1.97
2.20
3.49
3.08
ns
8 mA
Std.
0.54
2.05
0.04
0.90
0.38
2.09
1.61
2.32
2.59
4.10
3.62
ns
–1
0.46
1.74
0.03
0.77
0.33
1.78
1.37
1.97
2.20
3.49
3.08
ns
12 mA
Std.
0.54
1.83
0.04
0.90
0.38
1.86
1.41
2.51
2.90
3.88
3.42
ns
–1
0.46
1.56
0.03
0.77
0.33
1.59
1.20
2.14
2.47
3.30
2.91
ns
16 mA
Std.
0.54
1.83
0.04
0.90
0.38
1.86
1.41
2.51
2.90
3.88
3.42
ns
–1
0.46
1.56
0.03
0.77
0.33
1.59
1.20
2.14
2.47
3.30
2.91
ns
Notes:
1. Software default selection highlighted in gray.
2. For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-7 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com