Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IO99PDB2V2 Datasheet(PDF) 38 Page - Microsemi Corporation

Part # IO99PDB2V2
Description  ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO99PDB2V2 Datasheet(HTML) 38 Page - Microsemi Corporation

Back Button IO99PDB2V2 Datasheet HTML 34Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 35Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 36Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 37Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 38Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 39Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 40Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 41Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 42Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 242 page
background image
ProASIC3L DC and Switching Characteristics
2-22
Revision 13
Overview of I/O Performance
Summary of I/O DC Input and Output Levels – Default I/O Software
Settings
Table 2-23 • Summary of Maximum and Minimum DC Input and Output Levels Applicable to Commercial and
Industrial Conditions—Software Default Settings
Applicable to Pro I/O Banks
I/O Standard
Drive
Strength
(mA)
Equiv.
Software
Default
Drive
Strength
Option1
Slew
Rate
VIL
VIH
VOL
VOH
IOL3 IOH3
Min.
V
Max.
V
Min.
V
Max.2
V
Max.
V
Min.
VmA mA
3.3 V LVTTL /
3.3 V
LVCMOS
12 mA
12 mA High –0.3
0.8
2
3.6
0.4
2.4
12
12
3.3 V
LVCMOS
Wide Range4
100 µA
12 mA High –0.3
0.8
2
3.6
0.2
VCCI – 0.2 0.1 0.1
2.5 V
LVCMOS
12 mA
12 mA High –0.3
0.7
1.7
2.7
0.7
1.7
12
12
1.8 V
LVCMOS
12 mA
12 mA High –0.3 0.35 * VCCI 0.65 * VCCI
1.9
0.45
VCCI – 0.45 12
12
1.5 V
LVCMOS
12 mA
12 mA High –0.3 0.35 * VCCI 0.65 * VCCI 1.575 0.25 * VCCI 0.75 * VCCI 12
12
1.2 V
LVCMOS
2 mA
2 mA
High –0.3 0.35 * VCCI 0.65 * VCCI 1.26 0.25 * VCCI 0.75 * VCCI 2
2
1.2 V
LVCMOS
Wide Range5
100 µA
2 mA
High –0.3 0.3 * VCCI
0.7 * VCCI 1.575
0.1
VCCI – 0.1 0.1 0.1
3.3 V PCI
Per PCI Specification
3.3 V PCI-X
Per PCI-X Specification
3.3 V GTL
20 mA6
20 mA6 High –0.3 VREF – 0.05 VREF + 0.05
3.6
0.4
–
20
20
2.5 V GTL
20 mA6
20 mA6 High –0.3 VREF – 0.05 VREF + 0.05
2.7
0.4
–
20
20
3.3 V GTL+
35 mA
35 mA High –0.3 VREF – 0.1
VREF + 0.1
3.6
0.6
–
35
35
2.5 V GTL+
33 mA
33 mA High –0.3 VREF – 0.1
VREF + 0.1
2.7
0.6
–
33
33
HSTL (I)
8 mA
8 mA
High –0.3 VREF – 0.1
VREF + 0.1 1.575
0.4
VCCI – 0.4
8
8
HSTL (II)
15 mA6
15 mA6 High –0.3 VREF – 0.1
VREF + 0.1 1.575
0.4
VCCI – 0.4
15
15
SSTL2 (I)
15 mA
15 mA High –0.3 VREF – 0.1
VREF + 0.1
2.7
0.54
VCCI – 0.62 15
15
SSTL2 (II)
18 mA
18 mA High –0.3 VREF – 0.1
VREF + 0.1
2.7
0.35
VCCI – 0.43 18
18
SSTL3 (I)
14 mA
14 mA High –0.3 VREF – 0.1
VREF + 0.1
3.6
0.7
VCCI – 1.1 14
14
SSTL3 (II)
21 mA
21 mA High –0.3 VREF – 0.1
VREF + 0.1
3.6
0.5
VCCI – 0.9 21
21
Notes:
1. Please note that 1.2V LVCMOS and 3.3V LVCMOS wide range is applicable to 100uA drive strength only. The
configuration will NOT operate at the equivalent software.
2. Maximum VIH is 3.6 V for all I/O standards with hot-insertion is enabled.
3. Currents are measured at 85°C junction temperature.
4. All LVCMOS 3.3 V software macros support LVCMOS 3.3 V wide range as specified in the JESD-8B specification.
5. All LVCMOS 1.2 V software macros support LVCMOS 1.2 V wide range as specified in the JESD8-12 specification.
6. Output drive strength is below JEDEC specification.
7. Output slew rate can be extracted using the IBIS models.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com