Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IO99PDB2V2 Datasheet(PDF) 239 Page - Microsemi Corporation

Part # IO99PDB2V2
Description  ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO99PDB2V2 Datasheet(HTML) 239 Page - Microsemi Corporation

Back Button IO99PDB2V2 Datasheet HTML 234Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 235Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 236Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 237Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 238Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 239Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 240Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 241Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 242Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 239 / 242 page
background image
ProASIC3L Low Power Flash FPGAs
Revision 13
5-7
Revision 4 (cont’d)
The last section of Table 2-18 • Different Components Contributing to Dynamic
Power Consumption in ProASIC3L Devices at 1.2 V VCC was made into a new
table: Table 2-19 • Different Components Contributing to Dynamic Power
Consumption in ProASIC3L Devices at 1.5 V VCC. The table numbers
referenced for device-specific dynamic power for PAC9 and PAC10 were changed
in Table 2-18 • Different Components Contributing to Dynamic Power
Consumption in ProASIC3L Devices at 1.2 V VCC. The definition of PDC5 was
updated and parameters PDC6 and PDC7 were added to Table 2-20 • Different
Components Contributing to the Static Power Consumption in ProASIC3L
Devices.
2-13
The "Total Static Power Consumption—PSTAT" section was updated to revise the
calculation of PSTAT, including PDC6 and PDC7.
2-15
Footnote 1 was updated to include information about PAC13.
2-16
Table 2-43 • Schmitt Trigger Input Hysteresis, Hysteresis Voltage Value (Typ) for
Schmitt Mode Input Buffers was updated to include the hysteresis value for 1.2 V
LVCMOS.
2-40
The "1.2 V LVCMOS (JESD8-12A)" section is new.
2-76
Revision 3 (Apri2008)
Product Brief v1.0
The product brief was divided into two sections and given a version number,
starting at v1.0. The first section of the document includes features, benefits,
ordering information, and temperature and speed grade offerings. The second
section is a device family overview.
N/A
Packaging v1.1
The "FG324" package diagram was replaced.
4-29
Revision 2 (Apr 2008)
Product Brief rev. 1
Reference to M1A3P250L was removed from Table 1 • ProASIC3 Low-Power
Product Family, the "I/Os Per Package 1" table, the "ProASIC3L Ordering
Information" section, and the "Temperature Grade Offerings" table. The table note
regarding M1A3P250L was removed from the "I/Os Per Package 1" table.
I, II, III, IV
Revision 1 (Feb 2008)
The "PLL Behavior at Brownout Condition" section is new.
2-4
DC and Switching
Characteristics
Advance v0.2
Table 2-204 • A3P250L Global Resource – Applies to 1.5 V DC Core Voltage,
Table 2-206 • A3P600L Global Resource – Applies to 1.5 V DC Core Voltage,
Table 2-208 • A3P1000L Global Resource – Applies to 1.5 V DC Core Voltage,
and Table 2-210 • A3PE3000L Global Resource – Applies to 1.5 V DC Core
Voltage were updated with values for tRCKL, tRCKH, and tRCKSW.
2-128 –
2-131
The worst-case commercial conditions were added to Table 2-221 • Embedded
FlashROM Access Time– Applies to 1.2 V DC Core Voltage.
2-148
Table 2-18 • Different Components Contributing to Dynamic Power Consumption
in ProASIC3L Devices at 1.2 V VCC was updated to revise the value for PAC14
and add parameters PDC1 through PDC5 to the table.
2-13
Revision
Changes
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com