Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IO99PDB2V2 Datasheet(PDF) 126 Page - Microsemi Corporation

Part # IO99PDB2V2
Description  ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO99PDB2V2 Datasheet(HTML) 126 Page - Microsemi Corporation

Back Button IO99PDB2V2 Datasheet HTML 122Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 123Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 124Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 125Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 126Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 127Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 128Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 129Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 130Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 242 page
background image
ProASIC3L DC and Switching Characteristics
2-110
Revision 13
Timing Characteristics
1.5 V DC Core Voltage
1.2 V DC Core Voltage
Table 2-188 • Input Data Register Propagation Delays
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V
Parameter
Description
–1 Std. Units
tICLKQ
Clock-to-Q of the Input Data Register
0.24 0.29
ns
tISUD
Data Setup Time for the Input Data Register
0.27 0.31
ns
tIHD
Data Hold Time for the Input Data Register
0.00 0.00
ns
tISUE
Enable Setup Time for the Input Data Register
0.38 0.45
ns
tIHE
Enable Hold Time for the Input Data Register
0.00 0.00
ns
tICLR2Q
Asynchronous Clear-to-Q of the Input Data Register
0.46 0.54
ns
tIPRE2Q
Asynchronous Preset-to-Q of the Input Data Register
0.46 0.54
ns
tIREMCLR
Asynchronous Clear Removal Time for the Input Data Register
0.00 0.00
ns
tIRECCLR
Asynchronous Clear Recovery Time for the Input Data Register
0.23 0.27
ns
tIREMPRE
Asynchronous Preset Removal Time for the Input Data Register
0.00 0.00
ns
tIRECPRE
Asynchronous Preset Recovery Time for the Input Data Register
0.23 0.27
ns
tIWCLR
Asynchronous Clear Minimum Pulse Width for the Input Data Register
0.19 0.22
ns
tIWPRE
Asynchronous Preset Minimum Pulse Width for the Input Data Register
0.19 0.22
ns
tICKMPWH
Clock Minimum Pulse Width High for the Input Data Register
0.31 0.36
ns
tICKMPWL
Clock Minimum Pulse Width Low for the Input Data Register
0.28 0.32
ns
Note: For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-7 for derating values.
Table 2-189 • Input Data Register Propagation Delays
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.14 V
Parameter
Description
–1 Std. Units
tICLKQ
Clock-to-Q of the Input Data Register
0.32 0.37
ns
tISUD
Data Setup Time for the Input Data Register
0.35 0.41
ns
tIHD
Data Hold Time for the Input Data Register
0.00 0.00
ns
tISUE
Enable Setup Time for the Input Data Register
0.50 0.58
ns
tIHE
Enable Hold Time for the Input Data Register
0.00 0.00
ns
tICLR2Q
Asynchronous Clear-to-Q of the Input Data Register
0.60 0.71
ns
tIPRE2Q
Asynchronous Preset-to-Q of the Input Data Register
0.60 0.71
ns
tIREMCLR
Asynchronous Clear Removal Time for the Input Data Register
0.00 0.00
ns
tIRECCLR
Asynchronous Clear Recovery Time for the Input Data Register
0.30 0.35
ns
tIREMPRE
Asynchronous Preset Removal Time for the Input Data Register
0.00 0.00
ns
tIRECPRE
Asynchronous Preset Recovery Time for the Input Data Register
0.30 0.35
ns
tIWCLR
Asynchronous Clear Minimum Pulse Width for the Input Data Register
0.19 0.22
ns
tIWPRE
Asynchronous Preset Minimum Pulse Width for the Input Data Register
0.19 0.22
ns
tICKMPWH
Clock Minimum Pulse Width High for the Input Data Register
0.31 0.36
ns
tICKMPWL
Clock Minimum Pulse Width Low for the Input Data Register
0.28 0.32
ns
Note: For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-7 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com