Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IO99PDB2V2 Datasheet(PDF) 132 Page - Microsemi Corporation

Part # IO99PDB2V2
Description  ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO99PDB2V2 Datasheet(HTML) 132 Page - Microsemi Corporation

Back Button IO99PDB2V2 Datasheet HTML 128Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 129Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 130Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 131Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 132Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 133Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 134Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 135Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 136Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 242 page
background image
ProASIC3L DC and Switching Characteristics
2-116
Revision 13
Timing Characteristics
1.5 V DC Core Voltage
Figure 2-32 • Input DDR Timing Diagram
tDDRICLR2Q2
tDDRIREMCLR
tDDRIRECCLR
tDDRICLR2Q1
12
3
4
5
6
7
8
9
CLK
Data
CLR
Out_QR
Out_QF
tDDRICLKQ1
2
4
6
3
5
7
tDDRIHD
tDDRISUD
tDDRICLKQ2
Table 2-195 • Input DDR Propagation Delays
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V
Parameter
Description
–1
Std.
Units
tDDRICLKQ1
Clock-to-Out Out_QR for Input DDR
0.28
0.33
ns
tDDRICLKQ2
Clock-to-Out Out_QF for Input DDR
0.40
0.47
ns
tDDRISUD1
Data Setup for Input DDR (fall)
0.29
0.34
ns
tDDRISUD2
Data Setup for Input DDR (rise)
0.25
0.29
ns
tDDRIHD1
Data Hold for Input DDR (fall)
0.00
0.00
ns
tDDRIHD2
Data Hold for Input DDR (rise)
0.00
0.00
ns
tDDRICLR2Q1
Asynchronous Clear-to-Out Out_QR for Input DDR
0.47
0.55
ns
tDDRICLR2Q2
Asynchronous Clear-to-Out Out_QF for Input DDR
0.58
0.68
ns
tDDRIREMCLR
Asynchronous Clear Removal Time for Input DDR
0.00
0.00
ns
tDDRIRECCLR
Asynchronous Clear Recovery Time for Input DDR
0.23
0.27
ns
tDDRIWCLR
Asynchronous Clear Minimum Pulse Width for Input DDR
0.18
0.22
ns
tDDRICKMPWH
Clock Minimum Pulse Width High for Input DDR
0.31
0.36
ns
tDDRICKMPWL
Clock Minimum Pulse Width Low for Input DDR
0.28
0.32
ns
FDDRIMAX
Maximum Frequency for Input DDR
250.00 250.00
MHz
Note: For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-7 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com