| Electronic Components Datasheet Search |
|
IO99PDB2V2 Datasheet(PDF) 169 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
IO99PDB2V2 Datasheet(HTML) 169 Page - Microsemi Corporation |
|
169 / 242 page ![]() ProASIC3L Low Power Flash FPGAs Revision 13 3-3 When Flash*Freeze mode is used, the FF pin must not be left floating, to avoid accidentally entering Flash*Freeze mode. While in Flash*Freeze mode, the Flash*Freeze pin should be constantly asserted. The Flash*Freeze pin can be used with any single-ended I/O standard supported by the I/O bank in which the pin is located, and input signal levels compatible with the I/O standard selected. The FF pin should be treated as a sensitive asynchronous signal. When defining pin placement and board layout, simultaneously switching outputs (SSOs) and their effects on sensitive asynchronous pins must be considered. Unused FF or I/O pins are tristated with weak pull-up. This default configuration applies to both Flash*Freeze mode and normal operation mode. No user intervention is required. Table 3-1 shows the Flash*Freeze pin location on the available packages ProASIC3L devices. The Flash*Freeze pin location is independent of device (except for the PQ208 package), allowing migration to larger or smaller devices while maintaining the same pin location on the board. Refer to the "Flash*Freeze Technology and Low Power Modes" chapter of the ProASIC3L FPGA Fabric User’s Guide for more information on I/O states during Flash*Freeze mode. Table 3-1 • Flash*Freeze Pin Location ProASIC3L Package Flash*Freeze Pin VQ100 27 FG144 L3 FG256 T3 FG324 R5 FG484 W6 FG896 AH4 PQ208 PQ208-A3P250 PQ208-A3P600L PQ208-A3P1000L PQ208-A3P3000L 56 55 55 58 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |