Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IO99PDB2V2 Datasheet(PDF) 176 Page - Microsemi Corporation

Part # IO99PDB2V2
Description  ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO99PDB2V2 Datasheet(HTML) 176 Page - Microsemi Corporation

Back Button IO99PDB2V2 Datasheet HTML 172Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 173Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 174Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 175Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 176Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 177Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 178Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 179Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 180Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 242 page
background image
Package Pin Assignments
4-4
Revision 13
PQ208
Pin Number
A3PL250 Function
1GND
2
GAA2/IO118UDB3
3
IO118VDB3
4
GAB2/IO117UDB3
5
IO117VDB3
6
GAC2/IO116UDB3
7
IO116VDB3
8
IO115UDB3
9
IO115VDB3
10
IO114UDB3
11
IO114VDB3
12
IO113PDB3
13
IO113NDB3
14
IO112PDB3
15
IO112NDB3
16
VCC
17
GND
18
VCCIB3
19
IO111PDB3
20
IO111NDB3
21
GFC1/IO110PDB3
22
GFC0/IO110NDB3
23
GFB1/IO109PDB3
24
GFB0/IO109NDB3
25
VCOMPLF
26
GFA0/IO108NPB3
27
VCCPLF
28
GFA1/IO108PPB3
29
GND
30
GFA2/IO107PDB3
31
IO107NDB3
32
GFB2/IO106PDB3
33
IO106NDB3
34
GFC2/IO105PDB3
35
IO105NDB3
36
NC
37
IO104PDB3
38
IO104NDB3
39
IO103PSB3
40
VCCIB3
41
GND
42
IO101PDB3
43
IO101NDB3
44
GEC1/IO100PDB3
45
GEC0/IO100NDB3
46
GEB1/IO99PDB3
47
GEB0/IO99NDB3
48
GEA1/IO98PDB3
49
GEA0/IO98NDB3
50
VMV3
51
GNDQ
52
GND
53
NC
54
NC
55
GEA2/IO97RSB2
56
FF/GEB2/IO96RSB2
57
GEC2/IO95RSB2
58
IO94RSB2
59
IO93RSB2
60
IO92RSB2
61
IO91RSB2
62
VCCIB2
63
IO90RSB2
64
IO89RSB2
65
GND
66
IO88RSB2
67
IO87RSB2
68
IO86RSB2
69
IO85RSB2
70
IO84RSB2
71
VCC
72
VCCIB2
PQ208
Pin Number
A3PL250 Function
73
IO83RSB2
74
IO82RSB2
75
IO81RSB2
76
IO80RSB2
77
IO79RSB2
78
IO78RSB2
79
IO77RSB2
80
IO76RSB2
81
GND
82
IO75RSB2
83
IO74RSB2
84
IO73RSB2
85
IO72RSB2
86
IO71RSB2
87
IO70RSB2
88
VCC
89
VCCIB2
90
IO69RSB2
91
IO68RSB2
92
IO67RSB2
93
IO66RSB2
94
IO65RSB2
95
IO64RSB2
96
GDC2/IO63RSB2
97
GND
98
GDB2/IO62RSB2
99
GDA2/IO61RSB2
100
GNDQ
101
TCK
102
TDI
103
TMS
104
VMV2
105
GND
106
VPUMP
107
NC
108
TDO
PQ208
Pin Number
A3PL250 Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com