Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD720202 Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # PD720202
Description  ASSP (USB3.0 HOST CONTROLLER)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD720202 Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button PD720202 Datasheet HTML 32Page - Renesas Technology Corp PD720202 Datasheet HTML 33Page - Renesas Technology Corp PD720202 Datasheet HTML 34Page - Renesas Technology Corp PD720202 Datasheet HTML 35Page - Renesas Technology Corp PD720202 Datasheet HTML 36Page - Renesas Technology Corp PD720202 Datasheet HTML 37Page - Renesas Technology Corp PD720202 Datasheet HTML 38Page - Renesas Technology Corp PD720202 Datasheet HTML 39Page - Renesas Technology Corp PD720202 Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 43 page
background image
μPD720201/μPD720202
3. ELECTRICAL SPECIFICATIONS
R19DS0047EJ0500 Rev. 5.00
Page 36 of 40
Jan. 17, 2013
3.9
Power Consumption
Table 3-26.
Power Consumption of
μPD720201
Parameter
Device
connection
Condition
VDD10
line
VDD33
line
AVDD33
line
Units
There is no device on the ports under the L1
condition.
10
0.4
1.0
mA
No device
There is no device on the ports under the L0
condition.
150
3
22
mA
Only one device is connected on the port.
Low-Speed data transfer on the port.
30
3
10
mA
Full-Speed data transfer on the port.
140
3
22
mA
Hi-Speed data transfer on the port.
150
35
22
mA
1 device
SuperSpeed transfer on the port.
430
3
32
mA
Two devices are connected on the ports.
Low-Speed data transfer on the both ports.
40
3
10
mA
Full-Speed data transfer on the both ports.
160
4
22
mA
Hi-Speed data transfer on the both ports.
150
43
22
mA
2 devices
SuperSpeed transfer on the both ports.
520
3
32
mA
Three devices are connected on the ports.
Low-Speed data transfer on the three ports.
40
3
10
mA
Full-Speed data transfer on the three ports.
170
5
22
mA
Hi-Speed data transfer on the three ports.
150
48
22
mA
3 devices
SuperSpeed transfer on the three ports.
610
3
32
mA
Four devices are connected on the ports.
Low-Speed data transfer on the four ports.
40
3
11
mA
Full-Speed data transfer on the four ports.
180
6
22
mA
Hi-Speed data transfer on the four ports.
150
55
22
mA
4 devices
SuperSpeed transfer on the four ports.
700
3
32
mA
4 SS hubs
with SS and
HS devices
Four SuperSpeed hub are connected on the
all ports under SS and HS data transfer.
710
57
32
mA
Power consumption during system sleep
condition. (Wake On Connect, Wake On
Disconnect and Wake On Over-current are
disabled.)
0.9
0.3
0.1
mA
No device
(D3-cold)
Power consumption during system sleep
condition. (Wake On Connect, Wake On
Disconnect and/or Wake On Over-current
are enabled.)
3.4
0.3
1.0
mA
Power
Consumption
LS device
(D3-cold)
Power consumption during system sleep
condition with one LS device enabling the
remote wakeup function.
2.9
0.3
0.1
mA
Typical condition (TA = 25
°C, VDD33 = 3.3 V, VDD10 = 1.05 V), operating PCI Express Gen2 system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com