Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD720202 Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # PD720202
Description  ASSP (USB3.0 HOST CONTROLLER)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD720202 Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button PD720202 Datasheet HTML 35Page - Renesas Technology Corp PD720202 Datasheet HTML 36Page - Renesas Technology Corp PD720202 Datasheet HTML 37Page - Renesas Technology Corp PD720202 Datasheet HTML 38Page - Renesas Technology Corp PD720202 Datasheet HTML 39Page - Renesas Technology Corp PD720202 Datasheet HTML 40Page - Renesas Technology Corp PD720202 Datasheet HTML 41Page - Renesas Technology Corp PD720202 Datasheet HTML 42Page - Renesas Technology Corp PD720202 Datasheet HTML 43Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 41 / 43 page
background image
All trademarks and registered trademarks are the property of their respective owners.
C - 1
REVISION HISTORY
μPD720201/μPD720202 Data Sheet
Description
Rev.
Date
Page
Summary
0.01
Dec. 7, 2010
-
First Edition issued
0.02
Apr. 21, 2011
-
Chapter1
Updated ordering information.
Chapter2
Updated Table 5-1. SPI Interface
Chapter4
Updated Package information.
0.03
June 6, 2011
-
Chapter 1
Changed the revision of USB Battery Charging Specification
Chapter 5
Updated the Recommended Soldering Condition Information
0.04
September 16, 2011
-
Chapter 1
Updated the section 1.2 Applications
Chapter 2
Modified the misdescription of SMIB (I/O Type) of Table 2-4. System
Interface Signal.
Chapter 3
Updated the SPI Type Serial ROM Interface
Updated the Power Consumption
1.00
September 26, 2011
-
Document promoted from Preliminary Data to full Data.
(Document No. R19DS0047E)
Chapter 3
Modified the misdescription OCIxB of the section 3.1 Buffer List
2.00
March 2, 2012
-
Chapter 1
Modified the typo of part number of section 1.5 Pin Configuration
Chapter 2
Changed the Function of SPISO of Table 2-7. SPI Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com