Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD720202 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # PD720202
Description  ASSP (USB3.0 HOST CONTROLLER)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD720202 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button PD720202 Datasheet HTML 18Page - Renesas Technology Corp PD720202 Datasheet HTML 19Page - Renesas Technology Corp PD720202 Datasheet HTML 20Page - Renesas Technology Corp PD720202 Datasheet HTML 21Page - Renesas Technology Corp PD720202 Datasheet HTML 22Page - Renesas Technology Corp PD720202 Datasheet HTML 23Page - Renesas Technology Corp PD720202 Datasheet HTML 24Page - Renesas Technology Corp PD720202 Datasheet HTML 25Page - Renesas Technology Corp PD720202 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
μPD720201/μPD720202
3. ELECTRICAL SPECIFICATIONS
R19DS0047EJ0500 Rev. 5.00
Page 22 of 40
Jan. 17, 2013
3.8.5
PCI Express Interface – Differential Transmitter (TX) Specifications
(Refer to PCI Express Base Specification Revision 2.0 for more information)
Table 3-15.
PCI Express Interface – Differential Transmitter (TX) Specifications
(1/2)
Parameter
Symbol
2.5GT/s
5.0GT/S.
Units
Unit Interval
UI
399.88(min)
400.12(max)
199.94(min)
200.06(max)
ps
Differential Peak to Peak(p-p) Tx
voltage swing
V
TX-DIFFp-p
0.8(min)
1.2(max)
0.8(min)
1.2(max)
V
Tx de-emphasis level ratio
V
TX-DE-RATIO-3.5dB
3.0(min)
4.0(max)
3.0(min)
4.0(max)
dB
Tx de-emphasis level ratio
V
TX-DE-RATIO-6dB
Not specified
5.5(min)
6.5(max)
dB
Instantaneous lone pulse width
T
MIN-PULSE
Not specified
0.9(min)
UI
Transmitter Eye including all jitter
sources
T
TX-EYE
0.75(min)
0.75(min)
UI
Maximum time between the jitter
median and max deviation from the
median
T
TX-EYE-MEDIAN-to-
MAX-JITTER
0.125(max)
Not specified
UI
Tx deterministic jitter >1.5MHz
T
TX-HF-DJ-DD
Not specified
0.15(max)
UI
Tx RMS jitter > 1.5MHz
T
TX-LF-RMS
Not specified
3.0
ps
RMS
Transmitter rise and fall time
T
TX-RISE-FALL
0.125(min)
0.15(max)
UI
Tx rise/fall mismatch
T
RF-MISMATCH
Not specified
0.1(max)
UI
Maximum Tx PLL bandwidth
B
WTX-PLL
22(max)
16(max)
MHz
Minimum Tx PLL BW for 3dB peaking
B
WTX-PLL-LO-3DB
1.5(min)
8(min)
MHz
Minimum Tx PLL BW for 1dB peaking
B
WTX-PLL-LO-1DB
Not specified
5(min)
MHz
Tx PLL peaking with 8MHz min BW
P
KGTX-PLL1
Not specified
3.0(max)
dB
Tx PLL peaking with 5MHz min BW
P
KGTX-PLL2
Not specified
1.0(max)
dB
Tx package plus Si differential return
loss
R
LTX-DIFF
10(min)
10(min) for 0.05 –
1.25GHz
8(min) for 1.25 –
2.5GHz
dB
Tx package plus Si common mode
return loss
R
LTX-CM
6(min)
6(min)
dB
DC differential Tx impedance
Z
TX-DIFF-DC
80(min)
120(max)
120(max)
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com