Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD720202 Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # PD720202
Description  ASSP (USB3.0 HOST CONTROLLER)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD720202 Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button PD720202 Datasheet HTML 35Page - Renesas Technology Corp PD720202 Datasheet HTML 36Page - Renesas Technology Corp PD720202 Datasheet HTML 37Page - Renesas Technology Corp PD720202 Datasheet HTML 38Page - Renesas Technology Corp PD720202 Datasheet HTML 39Page - Renesas Technology Corp PD720202 Datasheet HTML 40Page - Renesas Technology Corp PD720202 Datasheet HTML 41Page - Renesas Technology Corp PD720202 Datasheet HTML 42Page - Renesas Technology Corp PD720202 Datasheet HTML 43Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 40 / 43 page
background image
μPD720201/μPD720202
5. RECOMMENDED SOLDERING CONDITIONS
R19DS0047EJ0500 Rev. 5.00
Page 40 of 40
Jan. 17, 2013
5. RECOMMENDED SOLDERING CONDITIONS
The
μPD720201 and μPD720202 should be soldered and mounted under the following recommended conditions.
For soldering methods and conditions other than those recommended below, contact a Renesas Electronics sales
representative.
For technical information, see the following website.
Semiconductor Device Mount Manual (http://www.renesas.com/prod/package/manual/ )
•
μPD720201K8-701-BAC-A : 68-PIN QFN (8x8)
•
μPD720202K8-701-BAA-A : 48-PIN QFN (7x7)
•
μPD720201K8-711-BAC-A : 68-PIN QFN (8x8)
•
μPD720202K8-711-BAA-A : 48-PIN QFN (7x7)
Soldering Method
Soldering Conditions
Symbol
Infrared reflow
Peak package’s surface temperature: 260°C, Reflow time: 60 seconds or less
(220°C or higher), Maximum allowable number of reflow processes: 3,
Exposure limit
Note
: 7 days (10 hours pre-backing is required at 125°C afterwards),
Flux: Rosin flux with low chlorine (0.2 Wt% or below) recommended.
<Caution>
Non-heat-resistant trays, such as magazine and taping trays, cannot be baked
before unpacking.
IR60-107-3
Note
The Maximum number of days during which the product can be stored at a temperature of 25°C and a relative
humidity of 65% or less after dry-pack package is opened.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com