Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3675 Datasheet(PDF) 71 Page - ams AG

Part # AS3675
Description  Flexible Lighting Management Unit
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3675 Datasheet(HTML) 71 Page - ams AG

Back Button AS3675 Datasheet HTML 67Page - ams AG AS3675 Datasheet HTML 68Page - ams AG AS3675 Datasheet HTML 69Page - ams AG AS3675 Datasheet HTML 70Page - ams AG AS3675 Datasheet HTML 71Page - ams AG AS3675 Datasheet HTML 72Page - ams AG AS3675 Datasheet HTML 73Page - ams AG AS3675 Datasheet HTML 74Page - ams AG AS3675 Datasheet HTML 75Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 81 page
background image
www.austriamicrosystems.com/AS3675
1v3
70 - 80
AS3675
Datasheet - D e ta i l e d D e s c r i p t i o n
Definitions used in the serial data transfer format diagrams are listed in the following table:
Figure 36. Serial Interface Byte Write
Figure 37. Serial Interface Page Write
Byte Write and Page Write formats are used to write data to the slave.
The transmission begins with the START condition, which is generated by the master when the bus is in IDLE state
(the bus is free). The device-write address is followed by the word address. After the word address any number of data
bytes can be sent to the slave. The word address is incremented internally, in order to write subsequent data bytes on
subsequent address locations.
For reading data from the slave device, the master has to change the transfer direction. This can be done either with a
repeated START condition followed by the device-read address, or simply with a new transmission START followed by
the device-read address, when the bus is in IDLE state. The device-read address is always followed by the 1st register
byte transmitted from the slave. In Read Mode any number of subsequent register bytes can be read from the slave.
The word address is incremented internally.
The following diagrams show the serial read formats supported by the AS3675.
Figure 38. Serial Interface Random Read
Table 93. Serial Data Transfer Byte Definitions
Symbol
Definition
R/W (AS3675 Slave)
Note
S
Start Condition after Stop
R
1 bit
Sr
Repeated Start
R
1 bit
DW
Device Address for Write
R
10000000b (80h).
DR
Device Address for Read
R
10000001b (81h)
WA
Word Address
R
8 bits
A
Acknowledge
W
1 bit
N
Not Acknowledge
R
1 bit
reg_data
Register Data/Write
R
8 bits
data (n)
Register Data/read
R
1 bit
P
Stop Condition
R
8 bits
WA++
Increment Word Address Internally
R
During Acknowledge
S
DW
A
WA
A
reg_data
A P
Write Register
WA++
AS3675 (= Slave) receives data
AS3675 (= Slave) transmits data
S
DW
A
WA
A
reg_data 1
A
reg_data 2
A
…
reg_datan
A P
Write Register
WA++
Write Register
WA++
Write Register
WA++
AS3675 (= Slave) receives data
AS3675 (= Slave) transmits data
S
DW
A
WA
A Sr
DR
A
data
N P
Read Register
WA++
AS3675 (= slave) receives data
AS3675 (= slave) transmits data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com