Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3675 Datasheet(PDF) 12 Page - ams AG

Part # AS3675
Description  Flexible Lighting Management Unit
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3675 Datasheet(HTML) 12 Page - ams AG

Back Button AS3675 Datasheet HTML 8Page - ams AG AS3675 Datasheet HTML 9Page - ams AG AS3675 Datasheet HTML 10Page - ams AG AS3675 Datasheet HTML 11Page - ams AG AS3675 Datasheet HTML 12Page - ams AG AS3675 Datasheet HTML 13Page - ams AG AS3675 Datasheet HTML 14Page - ams AG AS3675 Datasheet HTML 15Page - ams AG AS3675 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 81 page
background image
www.austriamicrosystems.com/AS3675
1v3
11 - 80
AS3675
Datasheet - D e ta i l e d D e s c r i p t i o n
8.2
Step Up DC/DC Converter
The Step Up DC/DC Converter is a high-efficiency current mode PWM regulator, providing output voltage up to e.g.
25V/35mA or e.g. 16V/55mA. A constant switching-frequency results in a low noise on the supply and output voltages.
Figure 12. Step Up DCDC Converter Block Diagram Option: Current Feedback with Over voltage protection
Table 8. Step Up DC/DC Converter Parameters
Symbol
Parameter
Condition
Min
Typ
Max
Unit
IVDD
Quiescent Current
Pulse skipping mode.
140
µA
VFB1
Feedback Voltage for
External Resistor
Divider
For constant voltage control.
step_up_res = 1
1.20
1.25
1.30
V
VFB2
Feedback Voltage for
Current Sink
Regulation
on CURR1, CURR2 or CURR6 in regulation.
step_up_res = 0
0.4
0.5
0.6
V
IDCDC_FB
Additional Tuning
Current at Pin
DCDC_FB and over
voltage protection
Adjustable by software using Register DCDC
control1
1µA step size (0-31µA)
VPROTECT = 1.25V +
IDCDC_FB * R2
031
µA
Accuracy of Feedback
Current at full scale
-6
6
%
 
   

    
! "
#
$%&'
%
 '
(

)*)+

),-.

)'/
01

1

 '

&'
 1
/ 2

3
&



%





#





$
AS3675



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com