Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3675 Datasheet(PDF) 52 Page - ams AG

Part # AS3675
Description  Flexible Lighting Management Unit
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3675 Datasheet(HTML) 52 Page - ams AG

Back Button AS3675 Datasheet HTML 48Page - ams AG AS3675 Datasheet HTML 49Page - ams AG AS3675 Datasheet HTML 50Page - ams AG AS3675 Datasheet HTML 51Page - ams AG AS3675 Datasheet HTML 52Page - ams AG AS3675 Datasheet HTML 53Page - ams AG AS3675 Datasheet HTML 54Page - ams AG AS3675 Datasheet HTML 55Page - ams AG AS3675 Datasheet HTML 56Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 81 page
background image
www.austriamicrosystems.com/AS3675
1v3
51 - 80
AS3675
Datasheet - D e ta i l e d D e s c r i p t i o n
3:2
gpio_pulls
01
R/W
Adds the following pullup/pulldown to pin GPIO; this is
independent of setting of bits gpio_mode
00
None
01
Pulldown
10
Pullup
11
ADC input (gpio_mode = XX); recommended for
analog signals
Table 73. GPIO driving cap
Register
Addr: 20h
GPIO driving cap
This register enables low current mode for GPIOs.
Bit
Bit Name
Default Access
Description
0
gpio_low_curr
0R/W
Defines the driving capability of pin GPIO
0Iout
1
Iout /4
Table 72. GPIO control
Register (Continued)
Addr: 1Eh
GPIO control
This register controls GPIO and GPIO1 pin functions.
Bit
Bit Name
Default Access
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com