Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3675 Datasheet(PDF) 15 Page - ams AG

Part # AS3675
Description  Flexible Lighting Management Unit
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3675 Datasheet(HTML) 15 Page - ams AG

Back Button AS3675 Datasheet HTML 11Page - ams AG AS3675 Datasheet HTML 12Page - ams AG AS3675 Datasheet HTML 13Page - ams AG AS3675 Datasheet HTML 14Page - ams AG AS3675 Datasheet HTML 15Page - ams AG AS3675 Datasheet HTML 16Page - ams AG AS3675 Datasheet HTML 17Page - ams AG AS3675 Datasheet HTML 18Page - ams AG AS3675 Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 81 page
background image
www.austriamicrosystems.com/AS3675
1v3
14 - 80
AS3675
Datasheet - D e ta i l e d D e s c r i p t i o n
IDCDC_FB = Tuning current at ball DCDC_FB; 0 to 31µA
Note: The voltage on CURR1, CURR2 and CURR6 must not exceed 15V (see page 25)
8.2.4
PCB Layout Hints
To ensure good EMC performance of the DCDC converter, keep its external power components C6, R1, L1, Q1, D1
and C9 close together. Connect the ground of C6, R1 and C9 locally together and connect this with a short path to
AS3675 VSS. This ensures that local high-frequency currents will not flow to the battery.
8.2.5
Step up Registers
Table 9. Voltage Feedback Example Values
IDCDC_FB
UStep up_out
UStep up_out
µA
R2 = 1M
Ω, R3 not used
R2 = 500k
Ω, R3 = 50kΩ
0-
13.75
1-
14.25
2-
14.75
3-
15.25
4-
15.75
5
6.25
16.25
6
7.25
16.75
7
8.25
17.25
8
9.25
17.75
9
10.25
18.25
10
11.25
18.75
11
12.25
19.25
12
13.25
19.75
13
14.25
20.25
14
15.25
20.75
15
16.25
21.25
………
30
31.25
28.75
31
32.25
29.25
Table 10. Reg. control
Register
Addr: 00
Reg. control
This register enables/disables the Charge Pump and the Step Up DC/DC
Converter.
Bit
Bit Name
Default Access
Description
3
step_up_on
0R/W
Enable the step up converter
0b
Disable the Step Up DC/DC Converter
1b
Enable the Step Up DC/DC Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com