Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5030 Datasheet(PDF) 22 Page - ams AG

Part # AS5030
Description  8-Bit Programmable High Speed Magnetic Rotary Encoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5030 Datasheet(HTML) 22 Page - ams AG

Back Button AS5030_07 Datasheet HTML 18Page - ams AG AS5030_07 Datasheet HTML 19Page - ams AG AS5030_07 Datasheet HTML 20Page - ams AG AS5030_07 Datasheet HTML 21Page - ams AG AS5030_07 Datasheet HTML 22Page - ams AG AS5030_07 Datasheet HTML 23Page - ams AG AS5030_07 Datasheet HTML 24Page - ams AG AS5030_07 Datasheet HTML 25Page - ams AG AS5030_07 Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
www.ams.com/AS5030
Revision 2.4
22 - 44
AS5030
Datasheet - Application In formatio n
8 Application Information
AS5030 Parameter and Features List.
Parameter
Description
Supply voltage
5V ± 10%
Supply current
Low Power Mode, non-operational: typ. 1.4mA
Ultra-low Power Mode, non-operational: typ. 30µA
Normal operating mode: typ. 14mA.
Absolute output; Serial Interface
21-bit Synchronous Serial Interface (SSI): 5 command bits, 2 data valid bits, 6 data bits for magnetic
field strength, 8 data bits for angle.
Configurable for 2-wire (Clock, Data) or 3-wire (Chip Select, Clock, Data) operation
Daisy Chain mode for reading multiple encoders through a 2- or 3-wire interface.
Zero Position Programming (OTP)
SSI clock rate
≤ 6 MHz data clock rate, 250 ~ 500kHz during programming
2-wire readout mode
DIO and CLK signals. 0.1 ~ 6MHz clock rate. Synchronization through time-out of CLK signal.
Power down modes
Activated and deactivated by software commands.
Low Power Mode: power down current = 1.4mA typ.; power up time <150µs
Ultra-low Power Mode: power down current = 30µA typ.; power up time <500µs
Digital input cells
CLK, CS = Schmitt trigger inputs
SIN-COS mode
Sine, inverse Sine, Cosine and inverse Cosine outputs. 360° per period.
Maximum speed
30.000 rpm with locked ADC
Resolution and accuracy
Resolution = 8-bit (1.406°)
Accuracy
≤ ± 2° with centered magnet
Transition noise
0.24°rms (1 sigma)
PWM output
2.26µs / Step, PWM will be permanently low when angular data is not valid (e.g. during startup).
Digital output current
4mA @ VDD = 5V (PWM, DIO, DX, MagRngn outputs)
OTP programming mode
Through serial interface with static programming voltage on pin #2 (PROG)
16-bit OTP programming register. OTP user programming options:
Angular zero position: 8 bit
Hall element sensitivity: 2 bit
Magnetic field range
Trimmable in four steps with OTP programming (sensitivity)
maximum/minimum ratio ~ 2.5:1. Field range window = 20 ~ 80mT
(e.g. maximum sensitivity range = 20 ~ 48mT, minimum sensitivity range = 32 ~ 80mT
Non-valid-range indication
By hardware: MagRngn pin indicates locked condition of ADC
By software: LOCK1&2 status bits indicate locked condition of ADC
Start-up timings
Start-up time after shutdown < 2ms
Start-up time after power-down from Ultra-low Power Mode: < 500µs
Start-up time after power-down from Low Power Mode: < 150µs
ESD protection
± 2kV
Operating temperature
-40°C ~ +125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com