Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5030 Datasheet(PDF) 23 Page - ams AG

Part # AS5030
Description  8-Bit Programmable High Speed Magnetic Rotary Encoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5030 Datasheet(HTML) 23 Page - ams AG

Back Button AS5030_07 Datasheet HTML 19Page - ams AG AS5030_07 Datasheet HTML 20Page - ams AG AS5030_07 Datasheet HTML 21Page - ams AG AS5030_07 Datasheet HTML 22Page - ams AG AS5030_07 Datasheet HTML 23Page - ams AG AS5030_07 Datasheet HTML 24Page - ams AG AS5030_07 Datasheet HTML 25Page - ams AG AS5030_07 Datasheet HTML 26Page - ams AG AS5030_07 Datasheet HTML 27Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
www.ams.com/AS5030
Revision 2.4
23 - 44
AS5030
Datasheet - Application In formatio n
8.1 AS5030 Programming
The AS5030 has an integrated 18-Bit OTP ROM for configuration purposes.
8.1.1 OTP Programming Options
The OTP programming options can be set permanently by programming or temporarily by overwriting. Both methods are carried out over the
serial interface, but with different commands (WRITE OTP, PROG OTP).
Note:
During the 18bit OTP programming, each bit needs 4 clock pulses to be validated.

Zero Position Programming
This programming option allows the user to program any rotation angle of the magnet as the new zero position. This useful feature simpli-
fies the assembly process as the magnet does not need to be mechanically adjusted to the electrical zero position. It can be assembled in
any rotation angle and later matched to the mechanical zero position by zero position programming.
The 8-bit user programmable zero position can be applied both temporarily (command WRITE OTP, #1FH) or permanently (command
PROG OTP, #19H)

Magnetic Field Optimization
This programming option allows the user to match the vertical distance of the magnet with the optimum magnetic field range of the AS5030
by setting the sensitivity level.
The 2-bit user programmable sensitivity setting can be applied both temporarily (command WRITE OTP, #1FH) or permanently (command
PROG OTP, #19H)
8.1.2 Reduced Power Mode Programming Options
These temporary programming options are also carried out over the serial interface.

Low Power Mode
Low Power Mode is a power saving mode with fast start-up. In Low Power Mode, all internal digital registers are frozen and the power con-
sumption is reduced to max. 1.5mA. The serial interface remains active. Start-up from this mode to normal operation can be accomplished
within 150µs. This mode is recommended for applications, where low power, but fast start-up and short reading cycle intervals are required.

Ultra-low Power Mode
Ultra-low Power Mode is a power saving mode with even reduced power-down current consumption. In this mode, all chip functions are fro-
zen and the power consumption is reduced to max. 50µA. The serial interface remains active. Start-up from this mode to normal operation
can be accomplished within 500µs. This mode is recommended for applications, where very low average power consumption is required,
e.g. for battery operated equipment. For example, in a cycled operation with 10 readings per second, the average power consumption of the
AS5030 can be reduced to only 120µA.
8.2 AS5030 Read / Write Commands
Data transmission with the AS5030 is handled over the 2-wire or 3-wire interface. The transmission protocol begins with sending a 5-bit
command to the AS5030, followed by reading or writing 16 or 18 bits of data:
8.2.1 16-bit Read Command
C2
displays status of hardware pin C2 (pin #15)
Lock
indicates that the AGC is locked. Data is invalid when this bit is 0
AGC
6-bit AGC register. Indicates the strength of the magnet (e.g. for push-button applications)
000000b indicates a strong magnetic field
111111b indicates a weak magnetic field
ideally, the vertical distance of the magnet should be chosen such that the AGC value is in the middle (around 100000b)
Angle
8-bit Angle value; represents the rotation angle of the magnet. One step = 360°/256 = 1.4°
Command
Bin
Hex
D15
D14
D13 D12 D11 D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
RD
ANGLE
00000
00
C2
lock
AGC 5:0
Angle 7:0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com