Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5030 Datasheet(PDF) 30 Page - ams AG

Part # AS5030
Description  8-Bit Programmable High Speed Magnetic Rotary Encoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5030 Datasheet(HTML) 30 Page - ams AG

Back Button AS5030_07 Datasheet HTML 26Page - ams AG AS5030_07 Datasheet HTML 27Page - ams AG AS5030_07 Datasheet HTML 28Page - ams AG AS5030_07 Datasheet HTML 29Page - ams AG AS5030_07 Datasheet HTML 30Page - ams AG AS5030_07 Datasheet HTML 31Page - ams AG AS5030_07 Datasheet HTML 32Page - ams AG AS5030_07 Datasheet HTML 33Page - ams AG AS5030_07 Datasheet HTML 34Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
www.ams.com/AS5030
Revision 2.4
30 - 44
AS5030
Datasheet - Application In formatio n
Chip Internal Low-pass Filtering. A commonplace practice for systems using analog-to-digital converters is to filter the input signal by an
anti-aliasing filter. The filter characteristic must be chosen carefully to balance propagation delay and noise.
The low-pass filter in the AS5030 has a cut-off frequency of typ. 23.8kHz and the overall propagation delay in the analog signal path is typ.
15.6µs.
Digital Readout Rate. Aside from the chip-internal propagation delay, the time required to read and process the angle data must also be
considered. Due to its nature, a PWM signal is not very usable at high speeds, as you get only one reading per PWM period. Increasing the
PWM frequency may improve the situation but causes problems for the receiving controller to resolve the PWM steps. The frequency on the
AS5030 PWM output is typ. 1.95kHz with a resolution of 2µs/step.
A more suitable approach for high speed absolute angle measurement is using the serial interface. With a clock rate of up to 6MHz, a complete
set of data (21bits) can be read in >3.5µs
8.6.2 Total Propagation Delay of the AS5030
The total propagation delay of the AS5030 is the delay in the analog signal path and the tracking rate of the ADC:
15.6µs + 1.15µs = 16.75µs.
If only the SIN-/COS-outputs are used, the propagation delay is the analog signal path delay only (typ. 15.6µs).
Position Error over Speed.
The angle error over speed caused by the propagation delay is calculated as:
Δφpd = rpm * 6 * 16.75E
-6 in degrees
(EQ 4)
In addition, the anti-aliasing filter causes an angle error calculated as:
Δφlpf = ArcTan [ rpm / ( 60*f0 ) ]
(EQ 5)
Examples of the overall position error caused by speed, including both propagation delay and filter delay:
8.7 Reduced Power Modes
The AS5030 can be operated in 3 reduced power modes. All 3 modes have in common that they switch off or freeze parts of the chip during
intervals between measurements. In Low Power Mode or Ultra-low Power Mode, the AS5030 is not operational, but due to the fast start-up, an
angle measurement can be accomplished very quickly and the chip can be switched to reduced power immediately after a valid measurement
has been taken. Depending on the intervals between measurements, very low average power consumption can be achieved using such a
strobed measurement mode.

Low Power Mode:reduced current consumption, very fast start-up. Ideal for short sampling intervals (<3ms)

Ultra-low Power Mode:further reduced current consumption, but slower start-up than Low Power Mode. Ideal for sampling intervals from
3….200ms

Power Cycle mode:zero power consumption (externally switched off) during sampling intervals, but slower start-up than Ultra-low Power
Mode. Ideal for sampling intervals 200ms
Speed (rpm)
Total Position Error
(Δφpd + Δφlpf)
100
0.0175°
1000
0.175°
10000
1.75°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com