Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5030 Datasheet(PDF) 33 Page - ams AG

Part # AS5030
Description  8-Bit Programmable High Speed Magnetic Rotary Encoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5030 Datasheet(HTML) 33 Page - ams AG

Back Button AS5030_07 Datasheet HTML 29Page - ams AG AS5030_07 Datasheet HTML 30Page - ams AG AS5030_07 Datasheet HTML 31Page - ams AG AS5030_07 Datasheet HTML 32Page - ams AG AS5030_07 Datasheet HTML 33Page - ams AG AS5030_07 Datasheet HTML 34Page - ams AG AS5030_07 Datasheet HTML 35Page - ams AG AS5030_07 Datasheet HTML 36Page - ams AG AS5030_07 Datasheet HTML 37Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
www.ams.com/AS5030
Revision 2.4
33 - 44
AS5030
Datasheet - Application In formatio n
8.7.2 Power Cycling Mode
The power cycling method shown in Figure 26 cycles the AS5030 by switching it on and off, using an external PNP transistor high side switch.
This mode provides the least power consumption of all three modes; when the sampling interval is more than 400ms, as the current consumption
in off-mode is zero.
It also has the longest start-up time of all modes, as the chip must always perform a “cold start“ from zero, which takes about 1.9 ms.
The optional filter R1/C1 may again be added to reduce peak currents in the 5V power supply line.
Figure 26. Application Example III: Ultra-low Power Encoder
Figure 26 shows an overview of the average supply currents in the three reduced power modes, depending on the sampling interval. The graphs
shows that the Low Power Mode is the best option for sampling intervals <4ms, while the Ultra-low Power Mode is the best option for sampling
intervals between 4~400ms. At sampling intervals > 400ms, the power cycling mode is the best method to minimize the average current
consumption. The curves are based on the figures given in Low Power Mode and Ultra-low Power Mode on page 31.
Figure 27. Average Current Consumption of Reduced Power Modes
Micro
Controller
+5V
VDD
VSS
VSS
VDD
10k
on/off
C1
>1µF
R1
ton
toff
AS5030
100n
CS
CLK
DIO
VSS
VDD
S
N
C1 C2
ton
toff
Ion
0
A S 50 30 a v era g e c u rrent co ns u m p tio n
0,0
0,5
1,0
1,5
2,0
2,5
3,0
3,5
4,0
4,5
5,0
1
1 0
100
10 0 0
s am p lin g in terv al [m s]
Lo w Po we r Mo de
Po we r C yclin g Mo d e
Ultra L o w P owe r M o d e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com