Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5132 Datasheet(PDF) 1 Page - ams AG

Part # AS5132
Description  360 Step Programmable High Speed Magnetic Rotary Encoder
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5132 Datasheet(HTML) 1 Page - ams AG

  AS5132 Datasheet HTML 1Page - ams AG AS5132 Datasheet HTML 2Page - ams AG AS5132 Datasheet HTML 3Page - ams AG AS5132 Datasheet HTML 4Page - ams AG AS5132 Datasheet HTML 5Page - ams AG AS5132 Datasheet HTML 6Page - ams AG AS5132 Datasheet HTML 7Page - ams AG AS5132 Datasheet HTML 8Page - ams AG AS5132 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
AS5132
360 Step (8.5 bit) Programmable High Speed Magnetic Rotary Encoder
www.ams.com
Revision 1.4
1 - 27
1 General Description
The AS5132 is a contactless magnetic rotary encoder for accurate
angular measurement over a full turn of 360 degrees. It is a system-
on-chip, combining integrated Hall elements, analog frontend and
digital signal processing in a single device.
To measure the angle, only a simple two-pole magnet, rotating over
the center of the chip is required.
The absolute angle measurement provides instant indication of the
magnet’s angular position with a resolution of 8.5 bit = 360 positions
per revolution. This digital data is available as serial output over the
interface and as a pulse width modulated (PWM) signal.
An additional U,V,W output can be used for a block commutation for
a brushless DC motor. An incremental signal is available as an
option.
In addition to the angle information, the strength of the magnetic field
is also available as a 5-bit code.
A software programmable (OTP) zero position simplifies assembly
as the zero position. The magnet does not need to be mechanically
aligned.
2 Key Features

360º contactless angular position sensing

Two digital absolute outputs (8.5 bit):
- Serial interface
- PWM output

Incremental output with adjustable number of pulses

BLDC Output UVW, selectable for 1,2,3,4,5,6 pole pairs

Supports external PWM clock mode

Static and dynamic pre-commutation feature

User programmable zero position and sensitivity

High speed: up to 72,900 rpm

Direct measurement of magnetic field strength allows exact
determination of vertical magnet distance

Incremental Outputs ABI Quadrature: 90ppr, step direction:
180ppr, fixed pulse width 360ppr

9-bit multi turn counter

Wide magnetic field input range: 20 – 80 mT (typical)

Wide temperature range: -40ºC to +150ºC

Thin Small Pb-free package: SSOP 20

Fully automotive qualified to AEC-Q100, grade 0
3 Applications
The AS5132 is suitable for contactless rotary position sensing, rotary
switches (human machine interface), AC/DC motor position control
and Brushless DC motor position control.
Figure 1. AS5132 Block Diagram
VDDP
TC
Tracking ADC &
Angle Decoder
OTP
DIO
PWM
CLK
PROG
CSN
PWM Decoder
AGC
Mag
Angle
Commutation
Interface
U_A
V_B
W_I
VDD5V
GND
Pre-Commutation
DIR
COM/INC
Diag
Diagnostic
Test(3:0)
Zero
Adder
Step Mode
S
AS5132
Hall Array &
Frontend
Amplifier
Absolute
Serial
Interface
(SSI)


Similar Part No. - AS5132

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5132 AMSCO-AS5132 Datasheet
1Mb / 40P
360 Step (8.5 bit) Programmable High Speed Magnetic Position Sensor
2016-Jan-26
AS5132 AMSCO-AS5132_V01 Datasheet
1Mb / 40P
360 Step (8.5 bit) Programmable High Speed Magnetic Position Sensor
2016-Jan-26
More results

Similar Description - AS5132

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5030 AMSCO-AS5030 Datasheet
283Kb / 3P
8-BIT PROGRAMMABLE HIGH SPEED ABSOLUTE MAGNETIC ROTARY ENCODER
AS5134 AMSCO-AS5134 Datasheet
1Mb / 29P
360 Step Programmable High Speed Magnetic Rotary Encoder
AS5030 AMSCO-AS5030_1 Datasheet
695Kb / 33P
8 BIT PROGRAMMABLE HIGH SPEED MAGNETIC ROTARY ENCODER
AS5040 AMSCO-AS5040_1 Datasheet
699Kb / 33P
10Bit 360 Programmable Magnetic Rotary Encoder
AS5140H AMSCO-AS5140H Datasheet
988Kb / 37P
10-Bit 360 Programmable Magnetic Rotary Encoder For High Ambient Temperatures
AS5030 AMSCO-AS5030_07 Datasheet
891Kb / 44P
8-Bit Programmable High Speed Magnetic Rotary Encoder
AS5040 AMSCO-AS5040_09 Datasheet
1Mb / 34P
10Bit 360 Programmable Magnetic Rotary Encoder
AS5134 AMSCO-AS5134_04 Datasheet
2Mb / 33P
360 Step Programmable High Speed Magnetic Rotary Encoder
AS5140H AMSCO-AS5140H_04 Datasheet
2Mb / 38P
10-Bit 360 Programmable Magnetic Rotary Encoder For High Ambient Temperatures
logo
List of Unclassifed Man...
AS5040-ASST ETC2-AS5040-ASST Datasheet
1Mb / 34P
10Bit 360 Programmable Magnetic Rotary Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com