Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5132 Datasheet(PDF) 5 Page - ams AG

Part # AS5132
Description  360 Step Programmable High Speed Magnetic Rotary Encoder
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5132 Datasheet(HTML) 5 Page - ams AG

  AS5132 Datasheet HTML 1Page - ams AG AS5132 Datasheet HTML 2Page - ams AG AS5132 Datasheet HTML 3Page - ams AG AS5132 Datasheet HTML 4Page - ams AG AS5132 Datasheet HTML 5Page - ams AG AS5132 Datasheet HTML 6Page - ams AG AS5132 Datasheet HTML 7Page - ams AG AS5132 Datasheet HTML 8Page - ams AG AS5132 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
www.ams.com
Revision 1.4
5 - 27
AS5132
Datasheet - Electrical Character i s t ics
6 Electrical Characteristics
TAMB = -40ºC to 150ºC, VDD = 4.5V to 5.5V, all voltages referenced to VSS, unless otherwise noted.
6.1 Operating Conditions
6.2 System Parameters
6.3 Magnet Specifications
6.4 Programming Parameters
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VDD
Positive Supply Voltage
4.5
5.5
V
VDDP
Positive Supply Voltage Periphery
3.0
5.5
V
IDD
Operating Current
No load on outputs. Supply current can
be reduced by using stronger magnets.
15
22
mA
Symbol
Parameter
Conditions
Min
Typ
Max
Units
N
Resolution
8.5
Bit
1Deg
TPwrUp
Power Up Time
≤ 4100
µs
ts
Tracking rate
Step rate of tracking ADC;
1 step = 1º
5.2
µs/step
INLcm
Accuracy
Centered Magnet
-2
2
Deg
Within horizontal displacement radius
-3
3
tdelay
Propagation delay
Internal signal processing time
22
µs
TN
Transition noise
peak-peak
1.41
Deg
Symbol
Parameter
Conditions
Min
Typ
Max
Units
BZ
Magnetic Input Range
At die surface
20
80
mT
Vi
Magnet rotation speed
To maintain locked state
1
1. Maximum rotation speed is dependent on the internal time reference.
Maximum value is calculated with lowest sequence over all operating conditions.
72,900
rpm
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VPROG
Programming voltage
Static voltage at pin PROG
8
8.5
V
IPROG
Programming current
During programming
100
mA
TambPROG
Programming ambient temperature
0
85
ºC
tPROG
Programming time
24
µs
VR,prog
Analog readback voltage
During analog readback mode at pin PROG
0.5
V
VR,unprog
23.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com