Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA2500 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SA2500
Description  Spectrum Analyzer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SA2500 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SA2500 Datasheet HTML 1Page - List of Unclassifed Manufacturers SA2500 Datasheet HTML 2Page - List of Unclassifed Manufacturers SA2500 Datasheet HTML 3Page - List of Unclassifed Manufacturers SA2500 Datasheet HTML 4Page - List of Unclassifed Manufacturers SA2500 Datasheet HTML 5Page - List of Unclassifed Manufacturers SA2500 Datasheet HTML 6Page - List of Unclassifed Manufacturers SA2500 Datasheet HTML 7Page - List of Unclassifed Manufacturers SA2500 Datasheet HTML 8Page - List of Unclassifed Manufacturers SA2500 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Datasheet
Interference Troubleshooting
has Never Been so Easy
The H500 and SA2500 will quickly scan the RF environment, classify
the known signals, and help you locate the unknown signals with their
field-proven signal hunting tools. Featuring real-time DPX™ Live RF
spectrum display technology, the H500 and SA2500 offer practical solutions
for discovering transient events that slip past conventional spectrum
analyzers. With field-ready, rugged hardware featuring outstanding
displayed average noise level (DANL), spurious free dynamic range
(SFDR), phase noise, and easy LAN networking capability in a handheld
unit, the H500 and SA2500 are a great choice for general-purpose spectrum
measurements and ideal signal-hunting tools.
Evolving digital RF communication standards pose an unprecedented
challenge to the surveillance and security community. Identification of
unknown signals and determining their precise location has traditionally
been accomplished using a combination of lab-grade spectrum analyzers,
handheld spectrum analyzers, oscilloscopes, and offline analysis
capabilities using PCs. When lab equipment is used in the field, several
limitations appear. Such instruments are not meant for field use, can
be easily damaged, are not portable, and require AC power. Signal
classification using these systems often requires a lot of prior knowledge
about these signals, particularly when they are digital. With such systems
the unknown signals can be difficult or impossible to identify.
Scan
By scanning the RF spectrum users can spot which signal emitters
are in the area. Signals with significant power are usually candidates
for further analysis, as are signals that are present infrequently. By
color-coding events based on the rate of occurrence, the DPX™ Live RF
spectrum display provides unparalleled insight into the behavior of signals.
Performing 10,000 spectrum updates per second, transients as brief as
DPX Spectrum Mask captures and logs spectrum violations with options of warning alarm,
pausing test, export screen, and result save
125 μs can be “frozen” in the frequency domain. This offers tremendous
improvement over swept analysis techniques.
Signals that are present in the spectrum today but were not there yesterday
are of particular interest. Reference signals can be stored and deviations
from this reference can be quickly identified using the trace math feature.
The H500 and SA2500 make analysis easier by quickly logging signals that
are weak, bursting, hopping, time multiplexed, or intentionally random. It
takes advantage of the FFT-based spectrum analysis capability to allow
users to see the true shape of the signal, even when it is bursting. Masks
canbeautomatically created from traces captured earlier. You can compare
this mask to the current trace and if a mask violation occurs, the trace is
logged. Finally, when the spectrogram is paused, you can scroll through the
spectrogram’s time axis and view the results.
2 www.tektronix.comproducts/rsa



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com