Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA2500 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SA2500
Description  Spectrum Analyzer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SA2500 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SA2500 Datasheet HTML 1Page - List of Unclassifed Manufacturers SA2500 Datasheet HTML 2Page - List of Unclassifed Manufacturers SA2500 Datasheet HTML 3Page - List of Unclassifed Manufacturers SA2500 Datasheet HTML 4Page - List of Unclassifed Manufacturers SA2500 Datasheet HTML 5Page - List of Unclassifed Manufacturers SA2500 Datasheet HTML 6Page - List of Unclassifed Manufacturers SA2500 Datasheet HTML 7Page - List of Unclassifed Manufacturers SA2500 Datasheet HTML 8Page - List of Unclassifed Manufacturers SA2500 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Spectrum Analyzer — H500 / SA2500
Characteristic
Description
Resolution Bandwidth (RBW)
RBW Range
10 Hz to 3 MHz (Manual)
10 Hz to 1 MHz (Auto)
RBW Setting Resolution
1Hz
Spectral Purity
Displayed Average Noise Level, Preamp On
-153 dBm, 10 MHz to 2 GHz, 10 Hz RBW
-152 dBm, 2GHz to4GHz, 10HzRBW
-151 dBm, 4 to 5 GHz, 10 Hz RBW
-145 dBm, 5 to 6.2 GHz, 10 Hz RBW
Phase Noise (entire operating frequency
range)
≤ -95 dBc/Hz at 10 kHz offset
≤ -95 dBc/Hz at 20 kHz offset
≤ -95 dBc/Hz at 30 kHz offset
≤ -97dBc/Hzat100 kHzoffset
≤ -110 dBc/Hz at 1 MHz offset
≤ -90 dBm, 0 dBm attenuator setting
Residual Spurious, Preamp Off
Exception Frequencies:
9 MHz to 19 MHz center frequency
3464 MHz center frequency
4592 MHz center frequency
5374 MHz to 5378 MHz center frequency
6160 MHz center frequency
≤ -105 dBm, 0 dBm attenuator setting
Residual Spurious, Preamp On
Exception Frequencies:
9MHz to 19 MHz center frequency
5374 MHz to 5378 MHz center frequency
Third Order IMD
≤ -70 dBc for two tones at or below the reference level, preamp off, all gain settings Auto-coupled
Second Harmonic
≤ -60 dBc for a single tone at or below the reference level, preamp off, all gain settings Auto-coupled
Input-related Spurious
≤ -70 dBc except for Fin=2.282 GHz± 20 MHz
The dBc reference for this specification is the total power of all signals at the input of the instrument regardless
of the current span
Input-related Spurious, exception frequencies,
typical
≤ -55dBc at Fin= 2.282 GHz ± 20 MHz
The dBc reference for this specification is the total power of all signals at the input of the instrument regardless
of the current span
Third Order Intercept
≥ +7 dBm, 0 dB Input Attenuation, Preamp Off
Spectral Display Amplitude
Reference Level Range
+20 dBm to -160 dBm
Marker Power Accuracy
±1.75dB, -50dBm ≤ input ≤ +20 dBm, preamp off
±3.0 dB, -80 dBm ≤ input < -50 dBm, preamp on, above 10 MHz
±3.75 dB, -120 dBm ≤ input < -80 dBm, preamp on, above 10 MHz
Use peak detector for CW-like signals; use average detector for wideband (signal >> RBW)
Accuracy guaranteed for CW signals and span set to 20 MHz or less
Display
Display Modes
Normal – Updates display with each new result
Max Hold – Updates displayed point only if new point > old
Min Hold – Updates displayed point only if new point < old
Max/Min Hold – Displays a vertical bar between Max Hold and Min Hold
Average – Displays average of N (specified by user) acquisitions
Average is calculated as follows:
Last N values are saved in memory; when a new result is available, the earliest result of the N stored values is
discarded, the new result is added to the stored values, and a new average is calculated from the stored values If
the number of results is less than N, then all of the results are averaged together
Number of Averages
1 ≤ N ≤ 200
www.tektronix.comproducts/rsa 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com