Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA2500 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SA2500
Description  Spectrum Analyzer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SA2500 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SA2500 Datasheet HTML 1Page - List of Unclassifed Manufacturers SA2500 Datasheet HTML 2Page - List of Unclassifed Manufacturers SA2500 Datasheet HTML 3Page - List of Unclassifed Manufacturers SA2500 Datasheet HTML 4Page - List of Unclassifed Manufacturers SA2500 Datasheet HTML 5Page - List of Unclassifed Manufacturers SA2500 Datasheet HTML 6Page - List of Unclassifed Manufacturers SA2500 Datasheet HTML 7Page - List of Unclassifed Manufacturers SA2500 Datasheet HTML 8Page - List of Unclassifed Manufacturers SA2500 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Spectrum Analyzer — H500 / SA2500
Color-coded signal classification database can be saved, recalled, imported, exported,
and shared to keep track of spectrum activities at different locations
Classify
Once signals of interest are found, it becomes necessary to identify
and classify each of them. Are they authorized, legal signals, or are
they illegitimate, malicious signals? Digital signal classification can be
aparticularlydifficult part of the signal hunter’s job requiring extensive
knowledge of signal characteristics. The signal may be weak, subject
to fading or intermittent conditions. In addition antenna position may be
suboptimal. All of this makes classification of signals more challenging
when using traditional signal identification tools.
The H500 and SA2500 with Option EP2 offer expert systems guidance to
aid the user in classifying signals. It provides graphical tools that allow users
to quickly create a spectral region of interest, enabling users to identify and
sort signals efficiently. The spectral profile mask, when overlaid on top of a
trace, provides signal shape guidance while frequency, bandwidth, channel
number, and location are displayed allowing for quick checks.
Locate interference with integrated mapping solution
Locate
Once the signal has been identified as a threat, the H500 and SA2500
provide various field-proven signal hunting tools to locate the offending
signals. For the easier-to-find signals, the signal strength meter produces
tones that vary with pitch as a function of the strength of this signal. This
allows the operator to look for signals while watching their surroundings,
not the screen.
For signals that are harder to find, such as signals influenced by multipath,
fading, low signal strength, etc, the H500 and SA2500 provide several
signal mapping tools to facilitate hunting for these signals. Analyzing
mapped signals is a quick way to find signals that can be difficult to
find otherwise. The mapping capability is also a way to document what
you have found. Traces can be recorded on a map either manually or
automatically. Built-in GPS can be used to automatically record signal
position and time data as the operator moves. For indoor use, a unique
tap-and-walk interface provides signal mapping capability. Color-coded
icons automatically record the relevant measurements based on preset
thresholds for acceptability.
Performance You Can Count On
Depend on Tektronix to provide you with performance you can count on. In
addition to industry-leading service and support, this product comes backed
by a three-year warranty as standard.
www.tektronix.comproducts/rsa 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com