Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA2500 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # SA2500
Description  Spectrum Analyzer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SA2500 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button SA2500 Datasheet HTML 2Page - List of Unclassifed Manufacturers SA2500 Datasheet HTML 3Page - List of Unclassifed Manufacturers SA2500 Datasheet HTML 4Page - List of Unclassifed Manufacturers SA2500 Datasheet HTML 5Page - List of Unclassifed Manufacturers SA2500 Datasheet HTML 6Page - List of Unclassifed Manufacturers SA2500 Datasheet HTML 7Page - List of Unclassifed Manufacturers SA2500 Datasheet HTML 8Page - List of Unclassifed Manufacturers SA2500 Datasheet HTML 9Page - List of Unclassifed Manufacturers SA2500 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Datasheet
General Purpose RF Measurements Characteristics
Characteristic
Description
General Purpose RF Channel Power Measurement
Bandwidth Range
1 kHz - 20 MHz
Accuracy
≤1.2 dB; +20 dBm to -60 dBm; 1 MHz to 3.2 GHz, preamp off, Ref Level > -35 dBm
≤2.4 dB; -40dBm to -75dBm;10 MHz to 3.2GHz,preampon, Ref Level ≤ -35 dBm
≤1.8 dB; +20 dBm to -50 dBm; 3.2 GHz to 6.2 GHz, preamp off, Ref Level > -35 dBm
≤3 dB; -40 dBm to -75 dBm; Resolution BW < 100 kHz; -40 dBm to -55 dBm; Resolution BW ≥ 100 kHz3.2 GHzto
6.2 GHz, preamp on, Ref Level ≤ -35 dBm
Specifications apply for default control settings (Auto RBW, Auto Level)
Occupied Bandwidth Measurement
Percent Power Inclusion Range
50-100%
RF Field Strength
Channel Bandwidth Range
Same as Channel Power
Accuracy
Same as Channel Power
Scan, Classify, Locate Characteristics
Feature
Description
DPX™ Live RF Spectrum Display
Spectrum Processing Rate, nominal
10,000 spectrums per second, span independent (H500 standard and SA2500 with Option EP1)
2,500 spectrums per second (SA2500 standard)
Minimum Signal Duration for 100% Probability of
Intercept (POI), typical
125 µs (H500 standard and SA2500 with Option EP1)
500 µs (SA2500 standard)
Span Range
5kHz to 20 MHz
Spectrogram (Rising Raster)
Spectrum Processing Rate, nominal
20 spectrums per second
Minimum Signal Duration for Time Measurement
20 milliseconds (Typical)
Span Range
5kHz to 20 MHz
Trigger
Modes
Single or Continuous, Free Run or Triggered
Event Source
IF Level, External Input, or Internal Timebase
Types
Rising Edge, Falling Edge, Level Above Threshold, Level Below Threshold
Delay
0 to 60 s with 1 μs resolution
Position
Settable from 0-100%
IF Level Trigger
Threshold Range
-160 dBm to +20 dBm
Bandwidth Range
5 kHz to 20 MHz
External Trigger
Maximum Input Level without Damage
±5 Vpeak continuous
Minimum High Threshold
2.0 V
Maximum Low Threshold
0.8 V
Minimum High/Low Time
10 ns
Impedance
10 kΩ
Coupling
DC
Internal Timebase Trigger
Mode
Single trigger on time, Repeat trigger at interval or both
Resolution
1 μs
Measurement Result Time Stamps
Resolution (nominal)
1 ms before GPS lock obtained; 1 ns after GPS lock obtained.
6 www.tektronix.comproducts/rsa



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com