Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS68302VR1B/T16 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # TS68302VR1B/T16
Description  Integrated Multiprotocol Processor IMP
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68302VR1B/T16 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button TS68302VR1B/T16 Datasheet HTML 7Page - ATMEL Corporation TS68302VR1B/T16 Datasheet HTML 8Page - ATMEL Corporation TS68302VR1B/T16 Datasheet HTML 9Page - ATMEL Corporation TS68302VR1B/T16 Datasheet HTML 10Page - ATMEL Corporation TS68302VR1B/T16 Datasheet HTML 11Page - ATMEL Corporation TS68302VR1B/T16 Datasheet HTML 12Page - ATMEL Corporation TS68302VR1B/T16 Datasheet HTML 13Page - ATMEL Corporation TS68302VR1B/T16 Datasheet HTML 14Page - ATMEL Corporation TS68302VR1B/T16 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
11
TS68302
2117A–HIREL–11/02
Table 6. DC Electrical Characteristics - NMSI1 in IDL mode
Symbol
Parameter
Condition
Min
Nom
Max
Unit
V
DD
Power
4.5
5.0
5.5
V
VSS
Common
0
0
0
V
T
Temperature
Operating range
-55
25
+125
°C
Input Pin Characteristics: L1CLK, L1SY1, L1R x D, L1GR
VIL
Input Low Level Voltage
(% of VDD)
-10%
+20%
V
V
IH
Input High Level Voltage
V
DD - 20%
V
DD + 10%
V
I
IH
Input Low Level Current
V
in = VSS
±10
µA
IIH
Input High Level Current
Vin = VDD
±10
µA
Output Pin Characteristics: L1T x D, SDS1-SDS2, L1RQ
V
OL
Output Low Level Voltage
I
OL = 2.0 mA
0
0.50
V
VOH
Output High Level Voltage
IOH = 2.0 mA
VDD - 0.5
VDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com