Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS68302VR1B/T16 Datasheet(PDF) 38 Page - ATMEL Corporation

Part # TS68302VR1B/T16
Description  Integrated Multiprotocol Processor IMP
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68302VR1B/T16 Datasheet(HTML) 38 Page - ATMEL Corporation

Back Button TS68302VR1B/T16 Datasheet HTML 34Page - ATMEL Corporation TS68302VR1B/T16 Datasheet HTML 35Page - ATMEL Corporation TS68302VR1B/T16 Datasheet HTML 36Page - ATMEL Corporation TS68302VR1B/T16 Datasheet HTML 37Page - ATMEL Corporation TS68302VR1B/T16 Datasheet HTML 38Page - ATMEL Corporation TS68302VR1B/T16 Datasheet HTML 39Page - ATMEL Corporation TS68302VR1B/T16 Datasheet HTML 40Page - ATMEL Corporation TS68302VR1B/T16 Datasheet HTML 41Page - ATMEL Corporation TS68302VR1B/T16 Datasheet HTML 42Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 47 page
background image
38
TS68302
2117A–HIREL–11/02
System Control
The IMP system control consists of a system control register (SCR) containing bits for
the following system control functions:
•
system status and control logic,
•
bus arbitration logic with low interrupt latency,
•
hardware watchdog,
•
low power (standby) modes,
•
disable CPU logic (68000),
•
freeze control for debugging on-chip peripherals,
•AS control during read-modify-write cycles.
System Control Register
The SCR is a 32-bit register that consists of system status and control bits, a bus arbiter
control bit, hardware watchdog control bits, low power control bits, and freeze select
bits. The eight most significant bits of the SCR report events recognized by the system
control logic and set the corresponding bit in the SCR.
The low power modes are used, when no processing is required from the 68000/68008
core, to reduce the system power consumption to its minimum value. The low power
modes may be exited by an interrupt from an on-chip peripheral.
Disable CPU Logic (68000)
This control allows an external processor direct connection to the bus and to the IMP’s
peripherals while the on-chip 68000 core is disabled. Entered during a system reset
(RESET and HALT asserted together), this mode configures the IMP on-chip peripher-
als for use with other TS68032 units or other processors and is an effective
configuration for systems needing more than three SCCs.
Freeze Control
This control is used to freeze the activity of selected peripherals and to debug systems.
The IMP freezes its activity with no new interrupt requests, no memory accesses (inter-
nal or external), and no access of the serial channels. The IDMA controller completes
any bus cycle in progress and releases bus ownership. No further bus cycles will be
started as long as FRZ remains asserted.
DRAM Refresh Controller The CP main (RISC) controller can optionally handle the dynamic RAM (DRAM) refresh
task without any intervention from the 68000 core. The refresh request can be gener-
ated from a TS68302 timer, baud rate generator, or externally. The DRAM refresh
controller performs a standard 68000-type read cycle at programmable address
sequences, with user-provided RAS and CAS generation.
Communications
Processor
The CP in the TS68302 includes the main controller, six serial DMA channels, three
SCCs, an SCP, and two SMCs.
Host software configures each communications channel, as required by the application,
to include parameters, baud rates, physical channel interfaces desired, and interrupting
conditions. Buffer structures are set up for receive and transmit channels. Up to eight
frames may be received or transmitted without host software involvement. Selection of
the interrupt interface is also set by register bits in register space of the device.
Data is transmitted and received using the appropriate buffer descriptors and buffer data
space for a channel. The CP operates is a modified polling mode on each channel and
buffer descriptor to identify buffers awaiting transmission and channels requiring servic-
ing. The user sets a bit in the buffer descriptor of a transmit frame; when the CP polls
and detects this bit, it will begin transmission. Generally, no other action is required to
accomplish transmission.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com