Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS68302VR1B/T16 Datasheet(PDF) 31 Page - ATMEL Corporation

Part # TS68302VR1B/T16
Description  Integrated Multiprotocol Processor IMP
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68302VR1B/T16 Datasheet(HTML) 31 Page - ATMEL Corporation

Back Button TS68302VR1B/T16 Datasheet HTML 27Page - ATMEL Corporation TS68302VR1B/T16 Datasheet HTML 28Page - ATMEL Corporation TS68302VR1B/T16 Datasheet HTML 29Page - ATMEL Corporation TS68302VR1B/T16 Datasheet HTML 30Page - ATMEL Corporation TS68302VR1B/T16 Datasheet HTML 31Page - ATMEL Corporation TS68302VR1B/T16 Datasheet HTML 32Page - ATMEL Corporation TS68302VR1B/T16 Datasheet HTML 33Page - ATMEL Corporation TS68302VR1B/T16 Datasheet HTML 34Page - ATMEL Corporation TS68302VR1B/T16 Datasheet HTML 35Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 47 page
background image
31
TS68302
2117A–HIREL–11/02
Figure 24. GSI Timing Diagram
Notes:
1. The ratio CLK/TCLK1 must be greater than 2.5/1.
2. L1T x D becomes valid after the L1CLK rising edge or the sync enable, whichever is later, if long frames are used.
3. Specification valid for both sync methods.
4. See Figure 25.
Table 21. AC Electrical Specifications - PCM Timing(4) f = 16.67 MHz
There are two sync types:
Short frame - Sync signals are one clock cycle prior to the data.
Long frame - Sync signals are N-bits that envelope the data, N > 0.
Num.
Parameter
Min
Max
Unit
300
L1CLK (PCM clock) frequency
(1)
6.66
MHz
301
L1CLK width low/high
55
ns
302
L1SY0-L1SY1 setup time to L1CLK falling edge
20
ns
303
L1SY0-L1SY1 hold time from L1CLK falling edge
40
ns
304
L1SY0-L1SY1 width low
1
L1CLK
305
Time between successive sync signals (short frame)
8
L1CLK
306
L1T x D data valid after L1CLK rising edge
(2)
070
ns
307
L1T x D to high impedance (from L1CLK rising edge)
0
50
ns
308
L1R x D setup time (to L1CLK falling edge)
(3)
20
ns
309
L1R x D hold time (from L1CLK falling edge)
(3)
50
ns
310
L1T x D data valid after syncs rising edge (long)
(2)
0
100
ns
311
L1T x D to high impedance (from L1SY0-L1SY1 falling edge) (long)
0
70
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com