Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS68302VR1B/T16 Datasheet(PDF) 15 Page - ATMEL Corporation

Part # TS68302VR1B/T16
Description  Integrated Multiprotocol Processor IMP
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68302VR1B/T16 Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button TS68302VR1B/T16 Datasheet HTML 11Page - ATMEL Corporation TS68302VR1B/T16 Datasheet HTML 12Page - ATMEL Corporation TS68302VR1B/T16 Datasheet HTML 13Page - ATMEL Corporation TS68302VR1B/T16 Datasheet HTML 14Page - ATMEL Corporation TS68302VR1B/T16 Datasheet HTML 15Page - ATMEL Corporation TS68302VR1B/T16 Datasheet HTML 16Page - ATMEL Corporation TS68302VR1B/T16 Datasheet HTML 17Page - ATMEL Corporation TS68302VR1B/T16 Datasheet HTML 18Page - ATMEL Corporation TS68302VR1B/T16 Datasheet HTML 19Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 47 page
background image
15
TS68302
2117A–HIREL–11/02
Figure 7. Read Cycle Timing Diagram
Notes:
1. Setup time for asynchronous inputs IPL2-IPL0 guarantees their recognition at the next falling edge of the clock.
2. BR needs to fall at this time only to ensure being recognized at the end of the bus cycle.
3. Timing measurements are reinforced to and from a low voltage of 0.8V and a high voltage of 2.0V, unless otherwise noted.
The voltage swing through this range should start outside and pass through the range such that the rise or fall is linear
between 0.8V and 2.0V.
8
6
DATA IN
HALT / RESET
ASYNCHRONOUS
INPUTS (Note 1)
BERR/BR
(Note 2)
S0
S1
S2
S3
S4
S5
S6
FC2-FC0
A23-A1
CLKO
S7
AS
R/W
LDS-UDS
DTACK
7
15
9
11
17
18
14
12
47
28
29
47
30
13
48
31
27
47
47
47
56
32
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com