Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS68302VA1B/T16 Datasheet(PDF) 24 Page - ATMEL Corporation

Part # TS68302VA1B/T16
Description  Integrated Multiprotocol Processor IMP
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68302VA1B/T16 Datasheet(HTML) 24 Page - ATMEL Corporation

Back Button TS68302VA1B/T16 Datasheet HTML 20Page - ATMEL Corporation TS68302VA1B/T16 Datasheet HTML 21Page - ATMEL Corporation TS68302VA1B/T16 Datasheet HTML 22Page - ATMEL Corporation TS68302VA1B/T16 Datasheet HTML 23Page - ATMEL Corporation TS68302VA1B/T16 Datasheet HTML 24Page - ATMEL Corporation TS68302VA1B/T16 Datasheet HTML 25Page - ATMEL Corporation TS68302VA1B/T16 Datasheet HTML 26Page - ATMEL Corporation TS68302VA1B/T16 Datasheet HTML 27Page - ATMEL Corporation TS68302VA1B/T16 Datasheet HTML 28Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 47 page
background image
24
TS68302
2117A–HIREL–11/02
Figure 16. Internal Master Internal Read Cycle Timing Diagram
AS
(OUTPUT)
(OUTPUT)
IAC
(OUTPUT)
140
141
R/W
(OUTPUT)
D15-D0
145
144
(OUTPUT)
DTACK
(OUTPUT)
143
142
LDS
UDS
(OUTPUT)
A23-A1
(OUTPUT)
CLKO
S0
S1
S2
S3
S4
S5
S6
S7
S0
Table 13. AC Electrical Specifications - Chip-select Timing Internal Master(3) f = 16.67 MHz
Num.
Symbol
Parameter
Min
Max
Unit
150
t
CHCSIAKL
Clock high to CS, IACK low
(1)
40
ns
151
tCLCSIAKH
Clock low to CS, IACK high
(1)
40
ns
152
t
CSH
CS width negated
60
ns
153
t
CHDTKL
Clock high to DTACK low (0 wait state)
45
ns
154
tCLDTKL
Clock low to DTACK low (1 - 6 wait states)
30
ns
155
t
CLDTKH
Clock low to DTACK high
40
ns
156
t
CHBERL
Clock high to BERR low
(2)
40
ns
157
tCLBERH
Clock low to BERR high impedance
(2)
40
ns
158
t
DTKHDTKZ
DTACK high to DTACK high impedance
15
ns
171
t
IDHCL
Input data hold time from S6 low
5
ns
172
tCSNDOI
CS negated to data out invalid (write)
(4)
10
ns
173
t
AFVCSA
Address, FC valid to CS asserted
(4)
15
ns
174
t
CSNAFI
CS negated to address, FC invalid
(4)
15
ns
175
t
CSLT
CS low time (0 wait states)
(4)
120
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com