Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS68302VA1B/T16 Datasheet(PDF) 45 Page - ATMEL Corporation

Part # TS68302VA1B/T16
Description  Integrated Multiprotocol Processor IMP
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68302VA1B/T16 Datasheet(HTML) 45 Page - ATMEL Corporation

Back Button TS68302VA1B/T16 Datasheet HTML 39Page - ATMEL Corporation TS68302VA1B/T16 Datasheet HTML 40Page - ATMEL Corporation TS68302VA1B/T16 Datasheet HTML 41Page - ATMEL Corporation TS68302VA1B/T16 Datasheet HTML 42Page - ATMEL Corporation TS68302VA1B/T16 Datasheet HTML 43Page - ATMEL Corporation TS68302VA1B/T16 Datasheet HTML 44Page - ATMEL Corporation TS68302VA1B/T16 Datasheet HTML 45Page - ATMEL Corporation TS68302VA1B/T16 Datasheet HTML 46Page - ATMEL Corporation TS68302VA1B/T16 Datasheet HTML 47Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 45 / 47 page
background image
45
TS68302
2117A–HIREL–11/02
132-pin - Ceramic Quad
Flat Pack/CERQUAD
Terminal
Connections
132-pin - Ceramic Pin
Grid Array
See Figure 2.
132-pin - Ceramic Quad
Flat Pack/CERQUAD
See Figure 3.
Ordering Information
Note:
1. Gullwing leads.
CERQUAD132
Top view
(window frame down)
pin one ident
S
A
VB L
D
G
M
-T-
D 0.1 (0.004)
SEATING PLANE
R
J
H
K
C
21.85
21.85
3.94
0.204
0.64
0.5
0.13
0.51
20.32
0.64
27.23
27.23
0°
A
B
C
D
G
H
J
K
L
R
S
V
M
22.86
22.86
4.52
0.292
BSC
1.0
0.20
0.76
REF
-
27.63
27.63
8°
0.86
0.86
0.155
0.008
0.025
0.019
0.005
0.020
0.800
0.025
1.072
1.072
0°
0.90
0.90
0.178
0.0115
BSC
0.039
0.008
0.030
REF
-
1.088
1.088
8°
DIM MIN
MAX
MIN
MAX
Millimeters
Inches
HI-REL Product
Commercial Atmel
Part-Number
Norms
Package
Temperature Range
Tc (°C)
Frequency
MHz
Drawing
Number
TS68302MRB/C16
MIL-STD-883
PGA 132
-55/+125
16.67
-
TS68302MAB/C16
MIL-STD-883
CERQUAD 132
-55/+125
16.67
-
TS68302DESC01QXC
DESC
PGA 132
(1)
-55/+125
16.67
5962-93159
TS68302DESC01QYA
DESC
CERQUAD 132
(1)
-55/+125
16.67
5962-93159



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com