Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS68302VA1B/T16 Datasheet(PDF) 26 Page - ATMEL Corporation

Part # TS68302VA1B/T16
Description  Integrated Multiprotocol Processor IMP
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68302VA1B/T16 Datasheet(HTML) 26 Page - ATMEL Corporation

Back Button TS68302VA1B/T16 Datasheet HTML 22Page - ATMEL Corporation TS68302VA1B/T16 Datasheet HTML 23Page - ATMEL Corporation TS68302VA1B/T16 Datasheet HTML 24Page - ATMEL Corporation TS68302VA1B/T16 Datasheet HTML 25Page - ATMEL Corporation TS68302VA1B/T16 Datasheet HTML 26Page - ATMEL Corporation TS68302VA1B/T16 Datasheet HTML 27Page - ATMEL Corporation TS68302VA1B/T16 Datasheet HTML 28Page - ATMEL Corporation TS68302VA1B/T16 Datasheet HTML 29Page - ATMEL Corporation TS68302VA1B/T16 Datasheet HTML 30Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 47 page
background image
26
TS68302
2117A–HIREL–11/02
Figure 18. External Master Chip-select Timing Diagram
Note:
1. See Figure 19
Figure 19. Parallel I/O Data In/data Out Timing Diagram
A23-A1
(INPUT)
DTACK
(OUTPUT)
R/W
(INPUT)
(OUTPUT)
BERR
(OUTPUT)
CLKO
CS3-CS0
165
158
169
161
167
164
168
162
AS
(INPUT)
163
160
S0
S1
S2
S3
S4
S5
S6
S7
S0
Table 15. AC Electrical Specifications - Parallel I/O(1) f = 16.67 MHz
Num.
Symbol
Parameter
Min
Max
Unit
180
t
DSU
Input Data Setup Time (to clock low)
20
ns
181
t
DH
Input Data Hold Time (from clock low)
10
ns
182
tCHDOV
Clock High to Data Out Valid (CPU writes data, control, or
direction) 35
35
ns
CLKO
DATA IN
DATA OUT
CPU WRITE S6
180
181
182



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com