Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS68302VA1B/T16 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # TS68302VA1B/T16
Description  Integrated Multiprotocol Processor IMP
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68302VA1B/T16 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button TS68302VA1B/T16 Datasheet HTML 3Page - ATMEL Corporation TS68302VA1B/T16 Datasheet HTML 4Page - ATMEL Corporation TS68302VA1B/T16 Datasheet HTML 5Page - ATMEL Corporation TS68302VA1B/T16 Datasheet HTML 6Page - ATMEL Corporation TS68302VA1B/T16 Datasheet HTML 7Page - ATMEL Corporation TS68302VA1B/T16 Datasheet HTML 8Page - ATMEL Corporation TS68302VA1B/T16 Datasheet HTML 9Page - ATMEL Corporation TS68302VA1B/T16 Datasheet HTML 10Page - ATMEL Corporation TS68302VA1B/T16 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
7
TS68302
2117A–HIREL–11/02
Design and Construction
Terminal Connections
Depending on the package, the terminal connections shall be as shown in Figure 2 and
Figure 3.
Lead Material and Finish
Lead material and finish shall be any option of MIL-M-38535.
Package
The macrocircuits are packaged in hermetically sealed ceramic packages, which con-
form to case outlines of MIL-M-38535 appendix A (when defined):
•
132-pin Ceramic Pin Grid Array (PGA),
•
132-pin Ceramic Quad Flat Pack (CERQUAD).
The precise case outlines are described in Figure 2 and Figure 3.
Electrical Characteristics
Notes:
1. The values shown are typical. The typical value varies as shown, based on how many IMP on-chip peripherals are enabled
and the rate at which they are clocked.
2. LPREC = 0. Divider = 2.
3. LPREC = 1. Divider = 1024.
4. The stated frequency must be externally applied to EXTAL only after the IMP has been placed in the lowest power mode
with LPREC = 1. The 68000 core is not specified to operate at this frequency, but the rest of the IMP is. In this configuration,
the user does not divide the clock internally using the LPCD4-LPCD0 bits in the system control register.
Table 2. Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Unit
P
D
Power Dissipation (typical at 16.67 MHz)
(1)
53
64
mA
PD
Power Dissipation (typical at 8 MHz)
(1)
26
31
mA
LP
D
Low Power Mode Dissipation (typical at 16.67 MHz)
(2)
36
mA
LP
D
Lowest Power Mode Dissipation (typical at 16.67 MHz)
(3)
32
mA
LPD
Lowest Power Mode Dissipation (typical at 50 MHz)
(4)
1mA
Unless otherwise stated, all voltages are referenced to the reference terminal (see Table 1).
Table 3. Recommended Condition of Use
Symbol
Parameter
Min
Max
Unit
V
CC
Supply Voltage
4.5
5.5
V
VIL
Low Level Input Voltage
-0.3
+0.5
V
V
IH
High Level Input Voltage
2.4
5.5
V
T
case
Operating Temperature
-55
+125
°C
tr(c)
Clock Rise Time - See Figure 5
5
ns
t
f(c)
Clock Fall Time Resistance - Figure 5
5
ns
f
c
Clock Frequency - See Figure 5
8
16.67
MHz
tcyc
Cycle Time - See Figure 5
60
125
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com