Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2575HVT-ADJ Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM2575HVT-ADJ
Description  LM1575/LM2575/LM2575HV SIMPLE SWITCHER 1A Step-Down Voltage Regulator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2575HVT-ADJ Datasheet(HTML) 5 Page - Texas Instruments

  LM2575HVT-ADJ Datasheet HTML 1Page - Texas Instruments LM2575HVT-ADJ Datasheet HTML 2Page - Texas Instruments LM2575HVT-ADJ Datasheet HTML 3Page - Texas Instruments LM2575HVT-ADJ Datasheet HTML 4Page - Texas Instruments LM2575HVT-ADJ Datasheet HTML 5Page - Texas Instruments LM2575HVT-ADJ Datasheet HTML 6Page - Texas Instruments LM2575HVT-ADJ Datasheet HTML 7Page - Texas Instruments LM2575HVT-ADJ Datasheet HTML 8Page - Texas Instruments LM2575HVT-ADJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
LM1575, LM2575-N, LM2575HV
www.ti.com
SNVS106E – MAY 1999 – REVISED APRIL 2013
ELECTRICAL CHARACTERISTICS LM1575-5.0, LM2575-5.0, LM2575HV-5.0
Specifications with standard type face are for TJ = 25°C, and those with boldface type apply over full Operating
Temperature Range.
LM2575-5.0
LM1575-5.0
Units
LM2575HV-5.0
Symbol
Parameter
Conditions
Typ
(Limits)
Limit (1)
Limit (2)
SYSTEM PARAMETERS Test Circuit Figure 25 and Figure 26(3)
VOUT
Output Voltage
VIN = 12V, ILOAD = 0.2A
5.0
V
Circuit Figure 25 and Figure 26
4.950
4.900
V(Min)
5.050
5.100
V(Max)
VOUT
Output Voltage
0.2A
≤ ILOAD ≤ 1A,
5.0
V
LM1575/LM2575
8V
≤ VIN ≤ 40V
4.850/4.800
4.800/4.750
V(Min)
Circuit Figure 25 and Figure 26
5.150/5.200
5.200/5.250
V(Max)
VOUT
Output Voltage
0.2A
≤ ILOAD ≤ 1A,
5.0
V
LM2575HV
8V
≤ VIN ≤ 60V
4.850/4.800
4.800/4.750
V(Min)
Circuit Figure 25 and Figure 26
5.175/5.225
5.225/5.275
V(Max)
η
Efficiency
VIN = 12V, ILOAD = 1A
77
%
(1)
All limits specified at room temperature (standard type face) and at temperature extremes (bold type face). All limits are used to
calculate Average Outgoing Quality Level, and all are 100% production tested.
(2)
All limits specified at room temperature (standard type face) and at temperature extremes (bold type face). All room temperature limits
are 100% production tested. All limits at temperature extremes are specified via correlation using standard Statistical Quality Control
(SQC) methods.
(3)
External components such as the catch diode, inductor, input and output capacitors can affect switching regulator system performance.
When the LM1575/LM2575 is used as shown in the test circuit Figure 25 and Figure 26, system performance will be as shown in system
parameters of Electrical Characteristics.
ELECTRICAL CHARACTERISTICS LM1575-12, LM2575-12, LM2575HV-12
Specifications with standard type face are for TJ = 25°C, and those with boldface type apply over full Operating
Temperature Range .
LM2575-12
LM1575-12
Units
LM2575HV-12
Symbol
Parameter
Conditions
Typ
(Limits)
Limit (1)
Limit (2)
SYSTEM PARAMETERS Test Circuit Figure 25 and Figure 26 (3)
VOUT
Output Voltage
VIN = 25V, ILOAD = 0.2A
12
V
Circuit Figure 25 and Figure 26
11.88
11.76
V(Min)
12.12
12.24
V(Max)
VOUT
Output Voltage
0.2A
≤ ILOAD ≤ 1A,
12
V
LM1575/LM2575
15V
≤ VIN ≤ 40V
11.64/11.52
11.52/11.40
V(Min)
Circuit Figure 25 and Figure 26
12.36/12.48
12.48/12.60
V(Max)
VOUT
Output Voltage
0.2A
≤ ILOAD ≤ 1A,
12
V
LM2575HV
15V
≤ VIN ≤ 60V
11.64/11.52
11.52/11.40
V(Min)
Circuit Figure 25 and Figure 26
12.42/12.54
12.54/12.66
V(Max)
η
Efficiency
VIN = 15V, ILOAD = 1A
88
%
(1)
All limits specified at room temperature (standard type face) and at temperature extremes (bold type face). All limits are used to
calculate Average Outgoing Quality Level, and all are 100% production tested.
(2)
All limits specified at room temperature (standard type face) and at temperature extremes (bold type face). All room temperature limits
are 100% production tested. All limits at temperature extremes are specified via correlation using standard Statistical Quality Control
(SQC) methods.
(3)
External components such as the catch diode, inductor, input and output capacitors can affect switching regulator system performance.
When the LM1575/LM2575 is used as shown in the test circuit Figure 25 and Figure 26, system performance will be as shown in system
parameters of Electrical Characteristics.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM1575 LM2575-N LM2575HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com