Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2575HVT-ADJ Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM2575HVT-ADJ
Description  LM1575/LM2575/LM2575HV SIMPLE SWITCHER 1A Step-Down Voltage Regulator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2575HVT-ADJ Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM2575HVT-ADJ Datasheet HTML 3Page - Texas Instruments LM2575HVT-ADJ Datasheet HTML 4Page - Texas Instruments LM2575HVT-ADJ Datasheet HTML 5Page - Texas Instruments LM2575HVT-ADJ Datasheet HTML 6Page - Texas Instruments LM2575HVT-ADJ Datasheet HTML 7Page - Texas Instruments LM2575HVT-ADJ Datasheet HTML 8Page - Texas Instruments LM2575HVT-ADJ Datasheet HTML 9Page - Texas Instruments LM2575HVT-ADJ Datasheet HTML 10Page - Texas Instruments LM2575HVT-ADJ Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
LM1575, LM2575-N, LM2575HV
www.ti.com
SNVS106E – MAY 1999 – REVISED APRIL 2013
ELECTRICAL CHARACTERISTICS ALL OUTPUT VOLTAGE VERSIONS
Specifications with standard type face are for TJ = 25°C, and those with boldface type apply over full Operating
Temperature Range. Unless otherwise specified, VIN = 12V for the 3.3V, 5V, and Adjustable version, VIN = 25V for the 12V
version, and VIN = 30V for the 15V version. ILOAD = 200 mA.
LM2575-XX
LM1575-XX
Units
LM2575HV-XX
Symbol
Parameter
Conditions
Typ
(Limits)
Limit (1)
Limit (2)
DEVICE PARAMETERS
Ib
Feedback Bias Current
VOUT = 5V (Adjustable Version Only)
50
100/500
100/500
nA
fO
Oscillator Frequency
See (3)
52
kHz
47/43
47/42
kHz(Min)
58/62
58/63
kHz(Max)
VSAT
Saturation Voltage
IOUT = 1A
(4)
0.9
V
1.2/1.4
1.2/1.4
V(Max)
DC
Max Duty Cycle (ON)
See (5)
98
%
93
93
%(Min)
ICL
Current Limit
Peak Current (4)(3)
2.2
A
1.7/1.3
1.7/1.3
A(Min)
3.0/3.2
3.0/3.2
A(Max)
IL
Output Leakage
Output = 0V
2
2
mA(Max)
Current
Output =
−1V
7.5
mA
Output =
−1V (6)(7)
30
30
mA(Max)
IQ
Quiescent Current
See (6)
5
mA
10/12
10
mA(Max)
ISTBY
Standby Quiescent
ON /OFF Pin = 5V (OFF)
50
μA
Current
200/500
200
μA(Max)
θJA
Thermal Resistance
TO-220 Package, Junction to Ambient (8)
65
θJA
TO-220 Package, Junction to Ambient (9)
45
θJC
TO-220 Package, Junction to Case
2
θJA
CDIP Package, Junction to Ambient (10)
85
°C/W
θJA
SOIC Package, Junction to Ambient (10)
100
θJA
DDPAK/TO-263 Package, Junction to Ambient
37
(11)
(1)
All limits specified at room temperature (standard type face) and at temperature extremes (bold type face). All limits are used to
calculate Average Outgoing Quality Level, and all are 100% production tested.
(2)
All limits specified at room temperature (standard type face) and at temperature extremes (bold type face). All room temperature limits
are 100% production tested. All limits at temperature extremes are specified via correlation using standard Statistical Quality Control
(SQC) methods.
(3)
The oscillator frequency reduces to approximately 18 kHz in the event of an output short or an overload which causes the regulated
output voltage to drop approximately 40% from the nominal output voltage. This self protection feature lowers the average power
dissipation of the IC by lowering the minimum duty cycle from 5% down to approximately 2%.
(4)
Output (pin 2) sourcing current. No diode, inductor or capacitor connected to output pin.
(5)
Feedback (pin 4) removed from output and connected to 0V.
(6)
Feedback (pin 4) removed from output and connected to +12V for the Adjustable, 3.3V, and 5V versions, and +25V for the 12V and 15V
versions, to force the output transistor OFF.
(7)
VIN = 40V (60V for the high voltage version).
(8)
Junction to ambient thermal resistance (no external heat sink) for the 5 lead TO-220 package mounted vertically, with ½ inch leads in a
socket, or on a PC board with minimum copper area.
(9)
Junction to ambient thermal resistance (no external heat sink) for the 5 lead TO-220 package mounted vertically, with ½ inch leads
soldered to a PC board containing approximately 4 square inches of copper area surrounding the leads.
(10) Junction to ambient thermal resistance with approximately 1 square inch of pc board copper surrounding the leads. Additional copper
area will lower thermal resistance further. See thermal model in Switchers made Simple software.
(11) If the DDPAK/TO-263 package is used, the thermal resistance can be reduced by increasing the PC board copper area thermally
connected to the package: Using 0.5 square inches of copper area,
θJA is 50°C/W; with 1 square inch of copper area, θJA is 37°C/W;
and with 1.6 or more square inches of copper area,
θJA is 32°C/W.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM1575 LM2575-N LM2575HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com