Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2575HVT-ADJ Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM2575HVT-ADJ
Description  LM1575/LM2575/LM2575HV SIMPLE SWITCHER 1A Step-Down Voltage Regulator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2575HVT-ADJ Datasheet(HTML) 1 Page - Texas Instruments

  LM2575HVT-ADJ Datasheet HTML 1Page - Texas Instruments LM2575HVT-ADJ Datasheet HTML 2Page - Texas Instruments LM2575HVT-ADJ Datasheet HTML 3Page - Texas Instruments LM2575HVT-ADJ Datasheet HTML 4Page - Texas Instruments LM2575HVT-ADJ Datasheet HTML 5Page - Texas Instruments LM2575HVT-ADJ Datasheet HTML 6Page - Texas Instruments LM2575HVT-ADJ Datasheet HTML 7Page - Texas Instruments LM2575HVT-ADJ Datasheet HTML 8Page - Texas Instruments LM2575HVT-ADJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
LM1575, LM2575-N, LM2575HV
www.ti.com
SNVS106E – MAY 1999 – REVISED APRIL 2013
LM1575/LM2575/LM2575HV SIMPLE SWITCHER® 1A Step-Down Voltage Regulator
Check for Samples: LM1575, LM2575-N, LM2575HV
1
FEATURES
DESCRIPTION
The LM2575 series of regulators are monolithic
23
•
3.3V, 5V, 12V, 15V, and Adjustable Output
integrated circuits that provide all the active functions
Versions
for a step-down (buck) switching regulator, capable of
•
Adjustable Version Output Voltage Range,
driving a 1A load with excellent line and load
–
1.23V to 37V (57V for HV Version) ±4%
regulation. These devices are available in fixed output
voltages of 3.3V, 5V, 12V, 15V, and an adjustable
Max Over
output version.
–
Line and Load Conditions
Requiring
a
minimum
number
of
external
•
Specified 1A Output Current
components, these regulators are simple to use and
•
Wide Input Voltage Range, 40V up to 60V for
include internal frequency compensation and a fixed-
HV Version
frequency oscillator.
•
Requires Only 4 External Components
The
LM2575
series
offers
a
high-efficiency
•
52 kHz Fixed Frequency Internal Oscillator
replacement
for
popular
three-terminal
linear
•
TTL Shutdown Capability, Low Power Standby
regulators. It substantially reduces the size of the
Mode
heat sink, and in many cases no heat sink is
required.
•
High Efficiency
A standard series of inductors optimized for use with
•
Uses Readily Available Standard Inductors
the LM2575 are available from several different
•
Thermal Shutdown and Current Limit
manufacturers. This feature greatly simplifies the
Protection
design of switch-mode power supplies.
•
P+ Product Enhancement Tested
Other features include a specified ±4% tolerance on
output voltage within specified input voltages and
APPLICATIONS
output load conditions, and ±10% on the oscillator
•
Simple High-Efficiency Step-Down (Buck)
frequency. External shutdown is included, featuring
Regulator
50
μA (typical) standby current. The output switch
includes cycle-by-cycle current limiting, as well as
•
Efficient Pre-Regulator for Linear Regulators
thermal shutdown for full protection under fault
•
On-Card Switching Regulators
conditions.
•
Positive to Negative Converter (Buck-Boost)
Typical Application
(Fixed Output Voltage Versions)
Pin numbers are for the TO-220 package.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SIMPLE SWITCHER is a registered trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM2575HVT-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2575HVT-ADJ NSC-LM2575HVT-ADJ Datasheet
725Kb / 27P
SIMPLE SWITCHER 1A Step-Down Voltage Regulator
LM2575HVT-ADJ NSC-LM2575HVT-ADJ Datasheet
848Kb / 28P
SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2575HVT-ADJ TI1-LM2575HVT-ADJ Datasheet
5Mb / 44P
LM1575/LM2575/LM2575HV SIMPLE SWITCHER 1A Step-Down Voltage Regulator
LM2575HVT-ADJ TI1-LM2575HVT-ADJ Datasheet
756Kb / 30P
SIMPLE SWITCHER 1A Step-Down Voltage Regulator
logo
Guangdong Youtai Semico...
LM2575HVT-ADJ UMW-LM2575HVT-ADJ Datasheet
1Mb / 17P
2A Step-Down Voltage Regulator
More results

Similar Description - LM2575HVT-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1575 NSC-LM1575 Datasheet
725Kb / 27P
SIMPLE SWITCHER 1A Step-Down Voltage Regulator
MNLM1575-12-X NSC-MNLM1575-12-X Datasheet
252Kb / 14P
SIMPLE SWITCHER 1A STEP-DOWN VOLTAGE REGULATOR
LM1575-15 NSC-LM1575-15 Datasheet
252Kb / 14P
SIMPLE SWITCHER(TM) 1A STEP-DOWN VOLTAGE REGULATOR
LM2575EP NSC-LM2575EP Datasheet
1Mb / 26P
SIMPLE SWITCHER 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2575HVSX-5.0 TI1-LM2575HVSX-5.0 Datasheet
5Mb / 44P
LM1575/LM2575/LM2575HV SIMPLE SWITCHER 1A Step-Down Voltage Regulator
LM2575HVS-ADJ TI-LM2575HVS-ADJ Datasheet
5Mb / 44P
LM1575/LM2575/LM2575HV SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
LM2575T-12 TI-LM2575T-12 Datasheet
5Mb / 44P
LM1575/LM2575/LM2575HV SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
LM2575T-5 TI1-LM2575T-5 Datasheet
756Kb / 30P
SIMPLE SWITCHER 1A Step-Down Voltage Regulator
LM2575EP TI1-LM2575EP Datasheet
2Mb / 28P
SIMPLE SWITCHER 1A Step-Down Voltage Regulator
logo
ARTSCHIP ELECTRONICS CO...
LM1575 ARTSCHIP-LM1575 Datasheet
7Mb / 25P
Simple Switcher 1A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com