Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2575HVT-ADJ Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM2575HVT-ADJ
Description  LM1575/LM2575/LM2575HV SIMPLE SWITCHER 1A Step-Down Voltage Regulator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2575HVT-ADJ Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM2575HVT-ADJ Datasheet HTML 8Page - Texas Instruments LM2575HVT-ADJ Datasheet HTML 9Page - Texas Instruments LM2575HVT-ADJ Datasheet HTML 10Page - Texas Instruments LM2575HVT-ADJ Datasheet HTML 11Page - Texas Instruments LM2575HVT-ADJ Datasheet HTML 12Page - Texas Instruments LM2575HVT-ADJ Datasheet HTML 13Page - Texas Instruments LM2575HVT-ADJ Datasheet HTML 14Page - Texas Instruments LM2575HVT-ADJ Datasheet HTML 15Page - Texas Instruments LM2575HVT-ADJ Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
LM1575, LM2575-N, LM2575HV
SNVS106E – MAY 1999 – REVISED APRIL 2013
www.ti.com
TEST CIRCUIT AND LAYOUT GUIDELINES
As in any switching regulator, layout is very important. Rapidly switching currents associated with wiring
inductance generate voltage transients which can cause problems. For minimal inductance and ground loops, the
length of the leads indicated by heavy lines should be kept as short as possible. Single-point grounding (as
indicated) or ground plane construction should be used for best results. When using the Adjustable version,
physically locate the programming resistors near the regulator, to keep the sensitive feedback wiring short.
CIN — 100 μF, 75V, Aluminum Electrolytic
COUT — 330 μF, 25V, Aluminum Electrolytic
D1 — Schottky, 11DQ06
L1 — 330
μH, PE-52627 (for 5V in, 3.3V out, use 100 μH, PE-92108)
Figure 25. Fixed Output Voltage Versions
where
VREF = 1.23V, R1 between 1k and 5k.
R1 — 2k, 0.1%
R2 — 6.12k, 0.1%
Pin numbers are for the TO-220 package.
Figure 26. Adjustable Output Voltage Version
12
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM1575 LM2575-N LM2575HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com