Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS2113 Datasheet(PDF) 2 Page - International Rectifier

Part # IRS2113
Description  HIGH AND LOW SIDE DRIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2113 Datasheet(HTML) 2 Page - International Rectifier

  IRS2113 Datasheet HTML 1Page - International Rectifier IRS2113 Datasheet HTML 2Page - International Rectifier IRS2113 Datasheet HTML 3Page - International Rectifier IRS2113 Datasheet HTML 4Page - International Rectifier IRS2113 Datasheet HTML 5Page - International Rectifier IRS2113 Datasheet HTML 6Page - International Rectifier IRS2113 Datasheet HTML 7Page - International Rectifier IRS2113 Datasheet HTML 8Page - International Rectifier IRS2113 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
www.irf.com
2
IRS2110(-1,-2,S)PbF/IRS2113(-1,-2,S)PbF
Recommended Operating Conditions
The input/output logic timing diagram is shown in Fig. 1. For proper operation, the device should be used within the
recommended conditions. The VS and VSS offset ratings are tested with all supplies biased at a 15 V differential.
Typical ratings at other bias conditions are shown in Figs. 36 and 37.
Note 2: Logic operational for VS of -4 V to +500 V. Logic state held for VS of -4 V to -VBS. (Refer to the Design Tip DT97-3)
Note 3: When VDD < 5 V, the minimum VSS offset is limited to -VDD.
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage param-
eters are absolute voltages referenced to COM. The thermal resistance and power dissipation ratings are measured
under board mounted and still air conditions. Additional information is shown in Figs. 28 through 35.
Symbol
Definition
Min.
Max.
Units
VB
High-side floating supply voltage
(IRS2110)
-0.3
520 (Note 1)
(IRS2113)
-0.3
620 (Note 1)
VS
High-side floating supply offset voltage
VB - 20
VB + 0.3
VHO
High-side floating output voltage
VS - 0.3
VB + 0.3
VCC
Low-side fixed supply voltage
-0.3
20 (Note 1)
VLO
Low- side output voltage
-0.3
VCC + 0.3
VDD
Logic supply voltage
-0.3
VSS+20
(Note 1)
VSS
Logic supply offset voltage
VCC - 20
VCC + 0.3
VIN
Logic input voltage (HIN, LIN, & SD)
VSS - 0.3
VDD + 0.3
dVs/dt
Allowable offset supply voltage transient (Fig. 2)
—
50
V/ns
PD
Package power dissipation @ TA
≤ +25 °C
(14 lead DIP)
—
1.6
(16 lead SOIC)
—
1.25
RTHJA
Thermal resistance, junction to ambient
(14 lead DIP)
—
75
(16 lead SOIC)
—
100
TJ
Junction temperature
—
150
TS
Storage temperature
-55
150
TL
Lead temperature (soldering, 10 seconds)
—
300
°C/W
W
V
°C
Symbol
Definition
Min.
Max.
Units
VB
High-side floating supply absolute voltage
VS + 10
VS + 20
VS
High-side floating supply offset voltage
(IRS2110)
Note 2
500
(IRS2113)
Note 2
600
VHO
High-side floating output voltage
VS
VB
VCC
Low-side fixed supply voltage
10
20
VLO
Low- side output voltage
0
VCC
VDD
Logic supply voltage
VSS + 3
VSS + 20
VSS
Logic supply offset voltage
-5
(Note 3)
5
VIN
Logic input voltage (HIN, LIN & SD)
VSS
VDD
TA
Ambient temperature
-40
125
°C
V
Note 1: All supplies are fully tested at 25 V, and an internal 20 V clamp exists for each supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com