Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS2113 Datasheet(PDF) 1 Page - International Rectifier

Part # IRS2113
Description  HIGH AND LOW SIDE DRIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2113 Datasheet(HTML) 1 Page - International Rectifier

  IRS2113 Datasheet HTML 1Page - International Rectifier IRS2113 Datasheet HTML 2Page - International Rectifier IRS2113 Datasheet HTML 3Page - International Rectifier IRS2113 Datasheet HTML 4Page - International Rectifier IRS2113 Datasheet HTML 5Page - International Rectifier IRS2113 Datasheet HTML 6Page - International Rectifier IRS2113 Datasheet HTML 7Page - International Rectifier IRS2113 Datasheet HTML 8Page - International Rectifier IRS2113 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
HIN
up to 500 V or 600 V
TO
LOAD
V
DD
V
B
V
S
HO
LO
COM
HIN
LIN
V
SS
SD
V
CC
LIN
V
DD
SD
V
SS
V
CC
Features
• Floating channel designed for bootstrap operation
• Fully operational to +500 V or +600 V
• Tolerant to negative transient voltage, dV/dt immune
• Gate drive supply range from 10 V to 20 V
• Undervoltage lockout for both channels
• 3.3 V logic compatible
• Separate logic supply range from 3.3 V to 20 V
• Logic and power ground ±5V offset
• CMOS Schmitt-triggered inputs with pull-down
• Cycle by cycle edge-triggered shutdown logic
• Matched propagation delay for both channels
• Outputs in phase with inputs
• RoHS compliant
Description
HIGH AND LOW SIDE DRIVER
Product Summary
VOFFSET (IRS2110)
500 V max.
(IRS2113)
600 V max.
IO+/-
2 A/2 A
VOUT
10 V - 20 V
ton/off (typ.)
130 ns & 120 ns
Delay Matching (IRS2110)
10 ns max.
(IRS2113)
20 ns max.
www.irf.com
1
The IRS2110/IRS2113 are high voltage, high speed
power MOSFET and IGBT drivers with independent
high-side and low-side referenced output channels. Pro-
prietary HVIC and latch immune CMOS technologies
enable ruggedized monolithic construction. Logic in-
puts are compatible with standard CMOS or LSTTL out-
put, down to 3.3 V logic. The output drivers feature a
high pulse current buffer stage designed for minimum
driver cross-conduction.
Propagation delays are
matched to simplify use in high frequency applications.
The floating channel can be used to drive an N-channel
power MOSFET or IGBT in the high-side configuration
which operates up to 500 V or 600 V.
IRS2110(-1,-2,S)PbF
IRS2113(-1,-2,S)PbF
(Refer to Lead Assignments for correct pin configuration). This diagram shows electrical connec-
tions only. Please refer to our Application Notes and DesignTips for proper circuit board layout.
Typical Connection
Packages
14-Lead PDIP
IRS2110 and IRS2113
14-Lead PDIP
(w/o lead 4)
IRS2110-1 and IRS2113-1
16-Lead PDIP
(w/o leads 4 & 5)
IRS2110-2 and IRS2113-2
16-Lead SOIC
IRS2110S and
IRS2113S
Data Sheet No. PD60249


Similar Part No. - IRS2113

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRS2113 INFINEON-IRS2113 Datasheet
566Kb / 19P
HIGH AND LOW SIDE DRIVER
Data Sheet No. PD60249
IRS2113-1 INFINEON-IRS2113-1 Datasheet
566Kb / 19P
HIGH AND LOW SIDE DRIVER
Data Sheet No. PD60249
logo
International Rectifier
IRS2113-1PBF IRF-IRS2113-1PBF Datasheet
493Kb / 19P
HIGH AND LOW SIDE DRIVER
logo
Infineon Technologies A...
IRS2113-2 INFINEON-IRS2113-2 Datasheet
566Kb / 19P
HIGH AND LOW SIDE DRIVER
Data Sheet No. PD60249
logo
International Rectifier
IRS2113-2PBF IRF-IRS2113-2PBF Datasheet
493Kb / 19P
HIGH AND LOW SIDE DRIVER
More results

Similar Description - IRS2113

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPIC2113 MOTOROLA-MPIC2113 Datasheet
171Kb / 6P
HIGH AND LOW SIDE DRIVER
logo
International Rectifier
IRS2011PBF IRF-IRS2011PBF Datasheet
338Kb / 19P
HIGH AND LOW SIDE DRIVER
IRS2106 IRF-IRS2106_15 Datasheet
1Mb / 25P
HIGH AND LOW SIDE DRIVER
IRS2181 IRF-IRS2181_15 Datasheet
1Mb / 23P
HIGH AND LOW SIDE DRIVER
IRS2607DSPBF IRF-IRS2607DSPBF_15 Datasheet
833Kb / 28P
HIGH AND LOW SIDE DRIVER
logo
Anpec Electronics Corop...
APX7387 ANPEC-APX7387 Datasheet
175Kb / 17P
High Side and Low Side Driver
logo
Infineon Technologies A...
IR2101 INFINEON-IR2101 Datasheet
148Kb / 14P
HIGH AND LOW SIDE DRIVER
IRS2005PBF INFINEON-IRS2005PBF Datasheet
1Mb / 19P
High and Low Side Driver
April 23, 2020
IRS2101PBF INFINEON-IRS2101PBF Datasheet
1Mb / 15P
HIGH AND LOW SIDE DRIVER
Data Sheet No. PD60250
logo
Shenzhen Huazhimei Semi...
HM2101 HMSEMI-HM2101 Datasheet
385Kb / 5P
High and Low Side Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com