Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS2113 Datasheet(PDF) 9 Page - International Rectifier

Part # IRS2113
Description  HIGH AND LOW SIDE DRIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2113 Datasheet(HTML) 9 Page - International Rectifier

Back Button IRS2113 Datasheet HTML 5Page - International Rectifier IRS2113 Datasheet HTML 6Page - International Rectifier IRS2113 Datasheet HTML 7Page - International Rectifier IRS2113 Datasheet HTML 8Page - International Rectifier IRS2113 Datasheet HTML 9Page - International Rectifier IRS2113 Datasheet HTML 10Page - International Rectifier IRS2113 Datasheet HTML 11Page - International Rectifier IRS2113 Datasheet HTML 12Page - International Rectifier IRS2113 Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
www.irf.com
9
IRS2110(-1,-2,S)PbF/IRS2113(-1,-2,S)PbF
Figure 11B. Turn-Off Fall Time vs. Voltage
0
10
20
30
40
50
10
12
14
16
18
20
Max.
Typ.
Figure 12A. Logic “1” Input Threshold
vs. Temperature
0.0
3.0
6.0
9.0
12.0
15.0
-50
-25
0
25
50
75
100
125
Min.
Max
Figure 12B. Logic “1” Input Threshold vs. Voltage
Figure 13A. Logic “0” Input Threshold
vs. Temperature
0.0
3.0
6.0
9.0
12.0
15.0
-50
-25
0
25
50
75
100
125
Max.
Mi n.
Figure 13B. Logic “0” Input Threshold vs. Voltage
0
3
6
9
12
15
0
2
4
6
8
10
12
14
16
18
20
Max.
0
3
6
9
12
15
0
2
4
6
8
10
12
14
16
18
20
Min
.
VBIAS Supply Voltage (V)
Temperature (o C)
Temperature (o C)
Temperature (o C)
VDD Logic Supply Voltage (V)
VDD Logic Supply Voltage (V)
Max.
0.0
1.0
2.0
3.0
4.0
5.0
-50
-25
0
25
50
75
100
125
Figure 14A. High Level Output Voltage
vs. Te mperature (Io = 0 mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com