Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS2113 Datasheet(PDF) 14 Page - International Rectifier

Part # IRS2113
Description  HIGH AND LOW SIDE DRIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2113 Datasheet(HTML) 14 Page - International Rectifier

Back Button IRS2113 Datasheet HTML 10Page - International Rectifier IRS2113 Datasheet HTML 11Page - International Rectifier IRS2113 Datasheet HTML 12Page - International Rectifier IRS2113 Datasheet HTML 13Page - International Rectifier IRS2113 Datasheet HTML 14Page - International Rectifier IRS2113 Datasheet HTML 15Page - International Rectifier IRS2113 Datasheet HTML 16Page - International Rectifier IRS2113 Datasheet HTML 17Page - International Rectifier IRS2113 Datasheet HTML 18Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
www.irf.com
14
IRS2110(-1,-2,S)PbF/IRS2113(-1,-2,S)PbF
Figure 29. IRS2110/IRS2113 TJ vs. Frequency
(IRFBC30) RGATE = 22
Ω
Ω
Ω
Ω
Ω, VCC = 15 V
0
25
50
75
100
125
150
1E+2
1E+3
1E+4
1E+5
1E+6
320 V
140 V
10 V
Figure 30. IRS2110/IRS2113 TJ vs. Frequency
(IRFBC40) RGATE = 15
Ω
Ω
Ω
Ω
Ω, VCC = 15 V
0
25
50
75
100
125
150
1E+2
1E+3
1E+4
1E+5
1E+6
320 V
140 V
10 V
Figure 31. IRS2110/IRS2113 TJ vs. Frequency
(IRFPE50) RGATE = 10
Ω
Ω
Ω
Ω
Ω, VCC = 15 V
0
25
50
75
100
125
150
1E+2
1E+3
1E+4
1E+5
1E+6
320 V
140 V
10 V
Figure 32. IRS2110S/IRS2113S TJ vs. Frequency
(IRFBC20) RGATE = 33
Ω
Ω
Ω
Ω
Ω, VCC = 15 V
0
25
50
75
100
125
150
1E+2
1E+3
1E+4
1E+5
1E+6
320 V
140 V
10 V
Figure 33. IRS2110S/IRS2113S TJ vs. Frequency
(IRFBC30) RGATE = 22
Ω
Ω
Ω
Ω
Ω, VCC = 15 V
0
25
50
75
100
125
150
1E+2
1E+3
1E+4
1E+5
1E+6
320 V
140 V
10 V
Figure 34. IRS2110S/IRS2113S TJ vs. Frequency
(IRFBC40) RGATE = 15
Ω
Ω
Ω
Ω
Ω, VCC = 15 V
0
25
50
75
100
125
150
1E+2
1E+3
1E+4
1E+5
1E+6
320 V 140 V
10 V
Frequency (kHz)
Frequency (kHz)
Frequency (kHz)
Frequency (kHz)
Frequency (kHz)
Frequency (kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com