Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA890IDBVT Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA890IDBVT
Description  Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA890IDBVT Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button OPA890IDBVT Datasheet HTML 18Page - National Semiconductor (TI) OPA890IDBVT Datasheet HTML 19Page - National Semiconductor (TI) OPA890IDBVT Datasheet HTML 20Page - National Semiconductor (TI) OPA890IDBVT Datasheet HTML 21Page - National Semiconductor (TI) OPA890IDBVT Datasheet HTML 22Page - National Semiconductor (TI) OPA890IDBVT Datasheet HTML 23Page - National Semiconductor (TI) OPA890IDBVT Datasheet HTML 24Page - National Semiconductor (TI) OPA890IDBVT Datasheet HTML 25Page - National Semiconductor (TI) OPA890IDBVT Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
R
F
750W
±
150mVOutputAdjustment
=
= 2
-
-
Power-supplydecoupling
notshown.
5kW
5kW
226W
0.1 F
m
R
G
324W
V
I
20kW
10kW
0.1 F
m
-
5V
+5V
OPA890
+5V
-
5V
V
O
V
O
V
I
R
F
R
G
200kW
2MW
80kW
I
S
Control
- S
V
+V
S
V
DIS
Q1
OPA890
SBOS369B – MAY 2007 – REVISED DECEMBER 2009
www.ti.com
current out of Q1, turning the amplifier off. The supply
current in the disable mode is only that required to
operate the circuit of Figure 54. Additional circuitry
ensures that turn-on time occurs faster than turn-off
time (make-before-break).
When disabled, the output and input nodes go to a
high-impedance state. If the OPA890 is operating at a
gain of +1V/V, it shows a very high impedance at the
output and exceptional signal isolation. If operating at
a gain greater than +1V/V, the total feedback network
resistance (RF + RG) appears as the impedance
looking back into the output, but the circuit still shows
very-high forward and reverse isolation. If configured
as an inverting amplifier, the input and output are
connected through the feedback network resistance
(RF + RG) and the isolation is very poor, as a result.
Figure 53. DC-Coupled, Inverting Gain of -2V/V,
with Offset Adjustment
THERMAL ANALYSIS
Maximum desired junction temperature sets the
DISABLE OPERATION
maximum allowed internal power dissipation, as
described below. In no case should the maximum
The OPA890 provides an optional disable feature that
junction temperature be allowed to exceed +150°C.
may be used either to reduce system power or to
implement a simple channel multiplexing operation. If
Operating junction temperature (TJ) is given by TA +
the DIS control pin is left unconnected, the OPA890
PD × θJA. The total internal power dissipation (PD) is
operates normally. To disable the OPA890, the
the sum of quiescent power (PDQ) and additional
control pin must be asserted low. Figure 54 shows a
power dissipated in the output stage (PDL) to deliver
simplified internal circuit for the disable control
load power. Quiescent power is simply the specified
feature.
no-load supply current times the total supply voltage
across the part. PDL depends on the required output
signal and load, but for a grounded resistive load is at
a maximum when the output is fixed at a voltage
equal to 1/2 of either supply voltage (for equal bipolar
supplies). Under this condition, PDL = VS
2/(4 × R
L)
where RL includes feedback network loading.
Note that it is the power in the output stage and not
into
the
load
that
determines
internal
power
dissipation.
As a worst-case example, compute the maximum TJ
using an OPA890IDBV (SOT23-6 package) in the
circuit of Figure 46 operating at the maximum
specified ambient temperature of +85°C and driving a
grounded 100
Ω load.
PD = 10V × 1.25mA + 5
2/(4 × (100Ω || 1.5kΩ)) =
Figure 54. Simplified Disable Control Circuit
79mW
Maximum TJ = +85°C + (79W × 150°C/W) = +97°C.
In normal operation, base current to Q1 is provided
through the 2M
Ω resistor, while the emitter current
Although this result is still well below the specified
through the 80k
Ω resistor sets up a voltage drop that
maximum junction temperature, system reliability
is inadequate to turn on the two diodes in the Q1
considerations may require lower operating junction
emitter. As V DIS is pulled low, additional current is
temperatures.
The
highest
possible
internal
pulled through the 80k
Ω resistor, eventually turning
dissipation occurs if the load requires current to be
on those two diodes ( 15
μA). At this point, any
forced into the output for positive output voltages, or
further current pulled out of V DIS goes through those
sourced from the output for negative output voltages.
diodes, holding the emitter-base voltage of Q1 at
This configuration puts a high current through a large
approximately 0V. This process shuts off the collector
internal voltage drop in the output transistors.
22
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Link(s): OPA890



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com