Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA890IDBVT Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA890IDBVT
Description  Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA890IDBVT Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button OPA890IDBVT Datasheet HTML 8Page - National Semiconductor (TI) OPA890IDBVT Datasheet HTML 9Page - National Semiconductor (TI) OPA890IDBVT Datasheet HTML 10Page - National Semiconductor (TI) OPA890IDBVT Datasheet HTML 11Page - National Semiconductor (TI) OPA890IDBVT Datasheet HTML 12Page - National Semiconductor (TI) OPA890IDBVT Datasheet HTML 13Page - National Semiconductor (TI) OPA890IDBVT Datasheet HTML 14Page - National Semiconductor (TI) OPA890IDBVT Datasheet HTML 15Page - National Semiconductor (TI) OPA890IDBVT Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
9
6
3
0
-3
-6
-9
Frequency(MHz)
1
10
100
300
R =200W
L
G=+2V/V
3V
PP
1V
PP
2V
PP
3
0
-3
-6
-9
-12
-15
-18
Frequency(MHz)
1
10
100
500
G=+2V/V
G=+5V/V
G=+10V/V
V =100mV
O
PP
G=+1V/V
R =0
F
W
2.9
2.8
2.7
2.6
2.5
2.4
2.3
2.2
2.1
Time(10ns/div)
V
O
PP
=0.5V
G=+2V/V
4.1
3.7
3.3
2.9
2.5
2.1
1.7
1.3
0.9
Time(10ns/div)
V =0.5V
O
PP
G=+2V/V
200
100
10
1
CapacitiveLoad(pF)
1
10
100
1000
9
6
3
0
-3
-6
-9
Frequency(MHz)
0
20
40
60
80
100
120
140
160
180
200
750W
OPA890
R
S
V
IN
V
OUT
1kW
(1)
C
L
750W
NOTE:(1)1k
isoptional.
W
C =100pF
L
C =47pF
L
C =10pF
L
C =22pF
L
OPA890
SBOS369B – MAY 2007 – REVISED DECEMBER 2009
www.ti.com
TYPICAL CHARACTERISTICS: VS = +5V
At TA = +25°C, G = +2V/V, RF = 750Ω, and RL = 200Ω, unless otherwise noted.
SMALL-SIGNAL FREQUENCY RESPONSE
LARGE-SIGNAL FREQUENCY RESPONSE
Figure 30.
Figure 31.
SMALL-SIGNAL PULSE RESPONSE
LARGE-SIGNAL PULSE RESPONSE
Figure 32.
Figure 33.
RECOMMENDED RS vs CAPACITIVE LOAD
FREQUENCY RESPONSE vs CAPACITIVE LOAD
Figure 34.
Figure 35.
12
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Link(s): OPA890



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com