Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4052CD Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4052CD
Description  70 MHz High Speed AMPLIFIERS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4052CD Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button THS4052CD Datasheet HTML 7Page - National Semiconductor (TI) THS4052CD Datasheet HTML 8Page - National Semiconductor (TI) THS4052CD Datasheet HTML 9Page - National Semiconductor (TI) THS4052CD Datasheet HTML 10Page - National Semiconductor (TI) THS4052CD Datasheet HTML 11Page - National Semiconductor (TI) THS4052CD Datasheet HTML 12Page - National Semiconductor (TI) THS4052CD Datasheet HTML 13Page - National Semiconductor (TI) THS4052CD Datasheet HTML 14Page - National Semiconductor (TI) THS4052CD Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
THS4051
THS4052
SLOS238D − MAY 1999 − REVISED AUGUST 2008
www.ti.com
11
TYPICAL CHARACTERISTICS
Figure 20
DISTORTION
vs
FREQUENCY
−40
−50
−60
−70
−80
f − Frequency − Hz
−90
−100
100k
1M
10M
100M
VCC = ± 5 V
RL = 150 Ω
G = 2
VO(PP) = 2 V
2nd Harmonic
3rd Harmonic
Figure 21
−6
−5
−4
−3
−2
−1
0
1
2
OUTPUT AMPLITUDE
vs
FREQUENCY
f - Frequency - Hz
100M
10M
100k
1M
RF = 750 Ω
RF = 620 Ω
RF = 0 Ω
VCC = ± 15 V
Gain = 1
RL = 150 Ω
VO(PP) = 62 mV
Figure 22
−6
−5
−4
−3
−2
−1
0
1
2
OUTPUT AMPLITUDE
vs
FREQUENCY
f - Frequency - Hz
100M
10M
100k
1M
VCC = ± 5 V
Gain = 1
RL = 150 Ω
VO(PP) = 62 mV
RF = 750 Ω
RF = 0 Ω
RF = 620 Ω
Figure 23
−0.4
−0.3
−0.2
−0.1
−0.0
0.1
0.2
0.3
0.4
OUTPUT AMPLITUDE
vs
FREQUENCY
f - Frequency - Hz
100M
10M
100k
1M
VCC = ± 15 V
Gain = 1
RL = 150 Ω
VO(PP) = 62 mV
RF = 750 Ω
RF = 620 Ω
RF = 0 Ω
Figure 24
−0.4
−0.3
−0.2
−0.1
−0.0
0.1
0.2
0.3
0.4
OUTPUT AMPLITUDE
vs
FREQUENCY
f - Frequency - Hz
100M
10M
100k
1M
VCC = ± 5 V
Gain = −1
RL = 150 Ω
VO(PP) = 62 mV
RF = 750 Ω
RF = 620 Ω
RF = 0 Ω
Figure 25
0
1
2
3
4
5
6
7
8
OUTPUT AMPLITUDE
vs
FREQUENCY
f - Frequency - Hz
100M
10M
100k
1M
VCC = ±15 V
Gain = 2
RL = 150 Ω
VO(PP) = 125 mV
RF = 3.6 kΩ
RF = 2.7 kΩ
RF = 1 kΩ
Figure 26
0
1
2
3
4
5
6
7
8
OUTPUT AMPLITUDE
vs
FREQUENCY
f - Frequency - Hz
100M
10M
100k
1M
RF = 3.6 kΩ
RF = 2.7 kΩ
RF = 1 kΩ
VCC = ±5 V
Gain = 2
RL = 150 Ω
VO(PP) = 125 mV
Figure 27
5.6
5.7
5.8
5.9
6.0
6.1
6.2
6.3
6.4
OUTPUT AMPLITUDE
vs
FREQUENCY
f - Frequency - Hz
100M
10M
100k
1M
RF = 3.6 kΩ
RF = 2.7 kΩ
RF = 1 kΩ
VCC = ±15 V
Gain = 2
RL = 150 Ω
VO(PP) = 125 mV
Figure 28
5.6
5.7
5.8
5.9
6.0
6.1
6.2
6.3
6.4
OUTPUT AMPLITUDE
vs
FREQUENCY
f - Frequency - Hz
100M
10M
100k
1M
VCC = ±5 V
Gain = 2
RL = 150 Ω
VO(PP) = 125 mV
RF = 3.6 kΩ
RF = 1 kΩ
RF = 2.7 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com