Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV601 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV601
Description  Low Power General Purpose, 2.7V Operational Amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV601 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LMV601 Datasheet HTML 2Page - National Semiconductor (TI) LMV601 Datasheet HTML 3Page - National Semiconductor (TI) LMV601 Datasheet HTML 4Page - National Semiconductor (TI) LMV601 Datasheet HTML 5Page - National Semiconductor (TI) LMV601 Datasheet HTML 6Page - National Semiconductor (TI) LMV601 Datasheet HTML 7Page - National Semiconductor (TI) LMV601 Datasheet HTML 8Page - National Semiconductor (TI) LMV601 Datasheet HTML 9Page - National Semiconductor (TI) LMV601 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
1
2
3
+IN
GND
-IN
6
5
4
V
+
OUT
SHDN
LMV601, LMV602, LMV604
SNOSC70B – APRIL 2012 – REVISED MARCH 2013
www.ti.com
5V AC Electrical Characteristics
(1)
Unless otherwise specified, all limits ensured for TJ = 25°C, V
+ = 5V, V− = 0V, V
CM = V
+/2, V
O = V
+/2 and R
L > 1MΩ.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min(2)
Typ(3)
Max(2)
Units
SR
Slew Rate
RL = 10kΩ,
(4)
1.0
V/µs
GBW
Gain-Bandwidth Product
RL = 10kΩ, CL = 200pF
1.0
MHz
Φm
Phase Margin
RL = 100kΩ
70
deg
Gm
Gain Margin
RL = 100kΩ
20
dB
en
Input-Referred Voltage Noise
f = 1kHz
39
nV/
√Hz
in
Input-Referred Current Noise
f = 1kHz
0.001
pA/
√Hz
THD
Total Harmonic Distortion
f = 1kHz, AV = +1
0.012
%
RL = 600Ω, VIN = 1VPP
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No assurance of parametric performance is indicated in the electrical tables under
conditions of internal self heating where TJ > TA.
(2)
All limits are ensured by testing or statistical analysis.
(3)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not specified on shipped
production material.
(4)
Connected as voltage follower with 2VPP step input. Number specified is the slower of the positive and negative slew rates.
Connection Diagrams
Figure 1. 6-Pin SC70 – Top View
Figure 2. 8-Pin VSSOP/SOIC – Top View
See Package Number DCK
See Package Number DGK or D
Figure 3. 14-Pin TSSOP/SOIC Top View
See Package Number PW or D
6
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LMV601 LMV602 LMV604



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com