Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV601 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV601
Description  Low Power General Purpose, 2.7V Operational Amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV601 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMV601 Datasheet HTML 1Page - National Semiconductor (TI) LMV601 Datasheet HTML 2Page - National Semiconductor (TI) LMV601 Datasheet HTML 3Page - National Semiconductor (TI) LMV601 Datasheet HTML 4Page - National Semiconductor (TI) LMV601 Datasheet HTML 5Page - National Semiconductor (TI) LMV601 Datasheet HTML 6Page - National Semiconductor (TI) LMV601 Datasheet HTML 7Page - National Semiconductor (TI) LMV601 Datasheet HTML 8Page - National Semiconductor (TI) LMV601 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
VIN
VOUT
V
+
SAMPL
E
CLOCK
+
-
+
-
V
+
C = 200pF
LMV601, LMV602, LMV604
www.ti.com
SNOSC70B – APRIL 2012 – REVISED MARCH 2013
LMV601/LMV602/LMV604 1 MHz, Low Power General Purpose, 2.7V Operational Amplifiers
Check for Samples: LMV601, LMV602, LMV604
1
FEATURES
DESCRIPTION
The LMV601/LMV602/LMV604 are single, dual, and
2
•
(Typical 2.7V Supply Values; Unless Otherwise
quad low voltage, low power Operational Amplifiers.
Noted)
They are designed specifically for low voltage general
•
Ensured 2.7V and 5V Specifications
purpose
applications.
Other
important
product
•
Supply Current (Per Amplifier) 100
μA
characteristics are low input bias current, rail-to-rail
output,
and
wide
temperature
range.
The
•
Gain Bandwidth Product 1.0MHz
LMV601/LMV602/LMV604 have 29nV Voltage Noise
•
Shutdown Current (LMV601) 45pA
at 10KHz, 1MHz GBW, 1.0V/
μs Slew Rate, 0.25mV
•
Turn-On Time from Shutdown (LMV601) 5
μs
Vos. The LMV601/2/4 operates from a single supply
voltage as low as 2.7V, while drawing 100uA (typ)
•
Input Bias Current 20fA
quiescent current. In shutdown mode the current can
be reduced to 45pA.
APPLICATIONS
The industrial-plus temperature range of
−40°C to
•
Cordless/Cellular Phones
125°C
allows
the
LMV601/LMV602/LMV604
to
•
Laptops
accommodate
a
broad
range
of
extended
•
PDAs
environment applications.
•
PCMCIA/Audio
The LMV601 offers a shutdown pin that can be used
•
Portable/Battery-Powered Electronic
to disable the device. Once in shutdown mode, the
supply current is reduced to 45pA (typical).
Equipment
•
Supply Current Monitoring
The LMV601 is offered in the tiny 6-Pin SC70
package, the LMV602 in space saving 8-Pin VSSOP
•
Battery Monitoring
and SOIC, and the LMV604 in 14-Pin TSSOP and
•
Buffer
SOIC. These small package amplifiers offer an ideal
•
Filter
solution for applications requiring minimum PCB
footprint. Applications with area constrained PC board
•
Driver
requirements include portable and battery operated
electronics.
Sample and Hold Circuit
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMV601

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV601 TI1-LMV601 Datasheet
1,004Kb / 19P
1 MHz, Low Power General Purpose, 2.7V Operational Amplifiers
LMV601 TI1-LMV601 Datasheet
1Mb / 28P
MHz, Low Power General Purpose, 2.7V Operational Amplifiers
LMV601MG TI1-LMV601MG Datasheet
1,004Kb / 19P
1 MHz, Low Power General Purpose, 2.7V Operational Amplifiers
LMV601MG/NOPB TI1-LMV601MG/NOPB Datasheet
1Mb / 35P
LMV60x 1-MHz, Low-Power, General-Purpose, 2.7-V Operational Amplifiers
LMV601MGX TI1-LMV601MGX Datasheet
1,004Kb / 19P
1 MHz, Low Power General Purpose, 2.7V Operational Amplifiers
More results

Similar Description - LMV601

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UA709C TI-UA709C Datasheet
93Kb / 6P
GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LMC6035 NSC-LMC6035 Datasheet
792Kb / 20P
Low Power 2.7V Single Supply CMOS Operational Amplifiers
logo
Texas Instruments
LMV601 TI1-LMV601 Datasheet
1,004Kb / 19P
1 MHz, Low Power General Purpose, 2.7V Operational Amplifiers
logo
Rohm
LMR321G-E ROHM-LMR321G-E Datasheet
705Kb / 41P
Ground sense Low Power General Purpose Operational amplifiers
logo
STMicroelectronics
LMV321LICT STMICROELECTRONICS-LMV321LICT Datasheet
642Kb / 20P
Low-power, general-purpose operational amplifiers
19-Dec-2013
logo
Rohm
BD1321G ROHM-BD1321G Datasheet
522Kb / 22P
Ground Sense Low Power General Purpose Operational Amplifiers
logo
Texas Instruments
LMV602 TI1-LMV602 Datasheet
1Mb / 28P
MHz, Low Power General Purpose, 2.7V Operational Amplifiers
LMV601 TI-LMV601_15 Datasheet
1Mb / 30P
LMV601/LMV602/LMV604 1 MHz, Low Power General Purpose, 2.7V Operational Amplifiers
logo
Rohm
BD1321G ROHM-BD1321G_16 Datasheet
728Kb / 23P
General Purpose Operational Amplifiers
LMR321G ROHM-LMR321G Datasheet
708Kb / 41P
Ground Sense Low Power General Purpose Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com