Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV601 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV601
Description  Low Power General Purpose, 2.7V Operational Amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV601 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LMV601 Datasheet HTML 3Page - National Semiconductor (TI) LMV601 Datasheet HTML 4Page - National Semiconductor (TI) LMV601 Datasheet HTML 5Page - National Semiconductor (TI) LMV601 Datasheet HTML 6Page - National Semiconductor (TI) LMV601 Datasheet HTML 7Page - National Semiconductor (TI) LMV601 Datasheet HTML 8Page - National Semiconductor (TI) LMV601 Datasheet HTML 9Page - National Semiconductor (TI) LMV601 Datasheet HTML 10Page - National Semiconductor (TI) LMV601 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
0.001
0.01
0.1
1
10
0.01
0.1
1
10
100
OUTPUT VOLTAGE REFERENCED TO V
+
(V)
VS = 5V
125°C
85°C
-40°C
25°C
0.00
1
0.01
0.
1
1
10
0.00
1
0.0
1
0.1
1
1
0
10
0
OUTPUT VOLTAGE REFERENCED TO V
+
(V)
25°C
125°C
85°C
-40°C
VS = 2.7V
2.5
3
3.5
4
4.5
5
20
22
24
26
28
30
32
34
SUPPLY VOLTAGE (V)
RL = 2k:
NEGATIVE SWING
POSITIVE SWING
2.5
3
3.5
4
4.5
5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
SUPPLY VOLTAGE (V)
RL = 10k:
NEGATIVE SWING
POSITIVE SWING
2.5
3
3.5
4
4.5
5
50
60
70
80
90
100
110
120
130
140
150
SUPPLY VOLTAGE (V)
125°C
85°C
25°C
-40°C
-40 -20
0
20
40
60
80 100 120 140
.001
.01
.1
1
10
100
1000
TEMPERATURE (°)
VS = 5V
LMV601, LMV602, LMV604
www.ti.com
SNOSC70B – APRIL 2012 – REVISED MARCH 2013
Typical Performance Characteristics
Supply Current
Input Current
vs.
vs.
Supply Voltage (LMV601)
Temperature
Figure 4.
Figure 5.
Output Voltage Swing
Output Voltage Swing
vs.
vs.
Supply Voltage
Supply Voltage
Figure 6.
Figure 7.
ISOURCE
ISOURCE
vs.
vs.
VOUT
VOUT
Figure 8.
Figure 9.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMV601 LMV602 LMV604



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com