Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV601 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV601
Description  Low Power General Purpose, 2.7V Operational Amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV601 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LMV601 Datasheet HTML 7Page - National Semiconductor (TI) LMV601 Datasheet HTML 8Page - National Semiconductor (TI) LMV601 Datasheet HTML 9Page - National Semiconductor (TI) LMV601 Datasheet HTML 10Page - National Semiconductor (TI) LMV601 Datasheet HTML 11Page - National Semiconductor (TI) LMV601 Datasheet HTML 12Page - National Semiconductor (TI) LMV601 Datasheet HTML 13Page - National Semiconductor (TI) LMV601 Datasheet HTML 14Page - National Semiconductor (TI) LMV601 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
TIME (4 Ps/div)
TA = 25°C
RL = 2k:
VS = ±2.5V
TIME (4 Ps/div)
TA = 125°C
RL = 2k:
VS = ±2.5V
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
0
200
VO (V)
20
40
60
80
100
120
140
160
180
VS = ±2.5
AV = +1
RL = 1M:
VO = 100mVPP
TIME (4 Ps/div)
TA = 25°C
RL = 2k:
VS = ±2.5V
1k
10k
100k
1M
10M
FREQUENCY (Hz)
-60
-40
-20
0
20
40
60
80
100
PHASE
GAIN
VS = 5V
RL = 100k:
CL = 1000pF
CL = 500pF
CL = 0
CL = 100pF
CL = 1000pF
CL = 500pF
CL = 100pF
CL = 0
-60
-40
-20
0
20
40
60
80
100
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
VO (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
VS = ±2.5V
AV = +1
RL = 2k:
VO = 100mVPP
LMV601, LMV602, LMV604
www.ti.com
SNOSC70B – APRIL 2012 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
Gain and Phase
Stability
vs.
vs.
CL
Capacitive Load
Figure 28.
Figure 29.
Stability
vs.
Capacitive Load
Non-Inverting Small Signal Pulse Response
Figure 30.
Figure 31.
Non-Inverting Large Signal Pulse Response
Non-Inverting Small Signal Pulse Response
Figure 32.
Figure 33.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMV601 LMV602 LMV604



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com